Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD18503Q5AT.B Datasheet (PDF) - Texas Instruments

CSD18503Q5AT.B Datasheet PDF - Texas Instruments
Part # CSD18503Q5AT.B
Download  CSD18503Q5AT.B Download
File Size   435.89 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD18503Q5A 40 V N-Channel NexFET™ Power MOSFET

CSD18503Q5AT.B Datasheet (PDF)

Go To PDF Page Download Datasheet
CSD18503Q5AT.B Datasheet PDF - Texas Instruments

Part # CSD18503Q5AT.B
Download  CSD18503Q5AT.B Click to download

File Size   435.89 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD18503Q5A 40 V N-Channel NexFET™ Power MOSFET

CSD18503Q5AT.B Datasheet (HTML) - Texas Instruments


CSD18503Q5AT.B Product details

1 Features
1• Ultra-Low Qg and Qgd
• Low Thermal Resistance
• Avalanche Rated
• Logic Level
• Pb Free Terminal Plating
• RoHS Compliant
• Halogen Free
• SON 5 mm × 6 mm Plastic Package

2 Applications
• DC-DC Conversion
• Secondary Side Synchronous Rectifier
• Battery Motor Control

3 Description
This 40 V, 3.4 mΩ, 5 x 6 mm SON NexFET™ power
MOSFET is designed to minimize losses in power
conversion applications.




Similar Part No. - CSD18503Q5AT.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18503Q5AT TI1-CSD18503Q5AT Datasheet
380Kb / 13P
40V N-Channel NexFET Power MOSFET
More results


Similar Description - CSD18503Q5AT.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18502Q5B TI-CSD18502Q5B Datasheet
1Mb / 12P
40-V, N-Channel NexFET Power MOSFETs
CSD18503KCS TI-CSD18503KCS Datasheet
740Kb / 8P
40-V, N-Channel NexFET Power MOSFETs
CSD18514Q5A TI1-CSD18514Q5A Datasheet
450Kb / 13P
CSD18514Q5A 40-V N-Channel NexFET Power MOSFET
CSD18513Q5A TI1-CSD18513Q5A Datasheet
608Kb / 13P
CSD18513Q5A 40-V N-Channel NexFET Power MOSFET
CSD18511Q5A TI1-CSD18511Q5A Datasheet
602Kb / 13P
CSD18511Q5A 40 V N-Channel NexFET Power MOSFET
CSD18510KTT TI1-CSD18510KTT Datasheet
413Kb / 13P
CSD18510KTT 40-V N-Channel NexFET Power MOSFET
CSD18512Q5B TI1-CSD18512Q5B Datasheet
659Kb / 13P
CSD18512Q5B 40 V N-Channel NexFET Power MOSFET
CSD18510KCS TI1-CSD18510KCS Datasheet
526Kb / 13P
40-V N-Channel NexFET Power MOSFET
CSD18511KCS TI1-CSD18511KCS Datasheet
353Kb / 10P
40-V N-Channel NexFET Power MOSFET
CSD18511KTT TI1-CSD18511KTT Datasheet
377Kb / 11P
40-V N-Channel NexFET Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com