Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD19532KTT Datasheet (PDF) - Texas Instruments

CSD19532KTT Datasheet PDF - Texas Instruments
Part # CSD19532KTT
Download  CSD19532KTT Download
File Size   431.48 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD19532KTT 100 V N-Channel NexFET™ Power MOSFET

CSD19532KTT Datasheet (PDF)

Go To PDF Page Download Datasheet
CSD19532KTT Datasheet PDF - Texas Instruments

Part # CSD19532KTT
Download  CSD19532KTT Click to download

File Size   431.48 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD19532KTT 100 V N-Channel NexFET™ Power MOSFET

CSD19532KTT Datasheet (HTML) - Texas Instruments


CSD19532KTT Product details

1 Features
1• Ultra-Low Qg and Qgd
• Low Thermal Resistance
• Avalanche Rated
• Pb-Free Terminal Plating
• RoHS Compliant
• Halogen Free
• D2PAK Plastic Package

2 Applications
• Secondary Side Synchronous Rectifier
• Hot Swap
• Motor Control

3 Description
This 100 V, 4.6 mΩ, D2PAK (TO-263) NexFET™
power MOSFET is designed to minimize losses in
power conversion applications.




Similar Part No. - CSD19532KTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD19532KTT TI1-CSD19532KTT Datasheet
372Kb / 12P
N-Channel NexFET Power MOSFET
logo
Inchange Semiconductor ...
CSD19532KTT ISC-CSD19532KTT Datasheet
374Kb / 2P
isc N-Channel MOSFET Transistor
logo
Texas Instruments
CSD19532KTTT TI1-CSD19532KTTT Datasheet
372Kb / 12P
N-Channel NexFET Power MOSFET
More results


Similar Description - CSD19532KTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD19532Q5B TI1-CSD19532Q5B Datasheet
1Mb / 13P
100 V N-Channel NexFET Power MOSFET
CSD19532Q5B TI1-CSD19532Q5B Datasheet
1Mb / 13P
100 V N-Channel NexFET??Power MOSFET
CSD19533Q5A TI1-CSD19533Q5A Datasheet
1Mb / 13P
100 V N-Channel NexFET Power MOSFETs
CSD19533KCS TI1-CSD19533KCS Datasheet
768Kb / 10P
100 V N-Channel NexFET Power MOSFETs
CSD19535KCS TI1-CSD19535KCS Datasheet
804Kb / 10P
CSD19535KCS, 100 V N-Channel NexFET Power MOSFET
CSD19536KCS TI1-CSD19536KCS Datasheet
467Kb / 10P
CSD19536KCS, 100 V N-Channel NexFET Power MOSFET
CSD19534KCS TI-CSD19534KCS_15 Datasheet
300Kb / 12P
CSD19534KCS 100 V N-Channel NexFET Power MOSFET
CSD19536KTT TI-CSD19536KTT_15 Datasheet
852Kb / 14P
CSD19536KTT 100 V N-Channel NexFET Power MOSFET
CSD19537Q3 TI-CSD19537Q3_15 Datasheet
478Kb / 13P
CSD19537Q3 100 V N-Channel NexFET Power MOSFET
CSD19538Q3A TI1-CSD19538Q3A Datasheet
348Kb / 13P
100 V N-Channel NexFET Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com