Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD22204W Datasheet (PDF) - Texas Instruments

CSD22204W Datasheet PDF - Texas Instruments
Part # CSD22204W
Download  CSD22204W Download
File Size   530.32 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD22204W –8 V P-Channel NexFET™ Power MOSFET

CSD22204W Datasheet (PDF)

Go To PDF Page Download Datasheet
CSD22204W Datasheet PDF - Texas Instruments

Part # CSD22204W
Download  CSD22204W Click to download

File Size   530.32 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD22204W –8 V P-Channel NexFET™ Power MOSFET

CSD22204W Datasheet (HTML) - Texas Instruments


CSD22204W Product details

1 Features
1• Low Resistance
• Small Footprint 1.5 mm × 1.5 mm
• Pb Free
• Gate ESD Protection
• RoHS Compliant
• Halogen Free
• Gate-Source Voltage Clamp

2 Applications
• Battery Management
• Battery Protection
• Load Switch Applications

3 Description
This –8 V, 8.2 mΩ, 1.5 mm × 1.5 mm device is
designed to deliver the lowest on resistance and gate
charge in the smallest outline possible with excellent
thermal characteristics in an ultra low profile. Low on-
resistance coupled with the small footprint and low
profile make the device ideal for battery operated
space constrained applications.




Similar Part No. - CSD22204W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD22204W TI1-CSD22204W Datasheet
470Kb / 12P
8 V P-Channel NexFET Power MOSFET
CSD22204WT TI1-CSD22204WT Datasheet
470Kb / 12P
8 V P-Channel NexFET Power MOSFET
CSD22204W TI-CSD22204W_15 Datasheet
1Mb / 15P
CSD22204W ?? V P-Channel NexFET Power MOSFET
More results


Similar Description - CSD22204W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD25402Q3A TI1-CSD25402Q3A Datasheet
1Mb / 13P
20 V P-Channel NexFET Power MOSFET
CSD22204W TI-CSD22204W_15 Datasheet
1Mb / 15P
CSD22204W ?? V P-Channel NexFET Power MOSFET
CSD23203W TI-CSD23203W_15 Datasheet
1,009Kb / 17P
CSD23203W 8 V P-Channel NexFET Power MOSFET
CSD25402Q3A TI1-CSD25402Q3A_16 Datasheet
1Mb / 15P
20 V P-Channel NexFET Power MOSFET
CSD25404Q3 TI1-CSD25404Q3 Datasheet
406Kb / 13P
20 V P-Channel NexFET Power MOSFET
CSD22204W TI1-CSD22204W Datasheet
470Kb / 12P
8 V P-Channel NexFET Power MOSFET
CSD23202W10 TI1-CSD23202W10 Datasheet
440Kb / 12P
12-V P-Channel NexFET Power MOSFET
CSD23203W TI1-CSD23203W Datasheet
369Kb / 12P
8 V P-Channel NexFET Power MOSFET
CSD22206W TI1-CSD22206W Datasheet
411Kb / 12P
8-V P-Channel NexFET Power MOSFET
CSD22205L TI1-CSD22205L Datasheet
618Kb / 11P
8-V P-Channel NexFET Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com