Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD25202W15 Datasheet (PDF) - Texas Instruments

CSD25202W15 Datasheet PDF - Texas Instruments
Part # CSD25202W15
Download  CSD25202W15 Download
File Size   471.48 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD25202W15 20-V P-Channel NexFET™ Power MOSFET

CSD25202W15 Datasheet (PDF)

Go To PDF Page Download Datasheet
CSD25202W15 Datasheet PDF - Texas Instruments

Part # CSD25202W15
Download  CSD25202W15 Click to download

File Size   471.48 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD25202W15 20-V P-Channel NexFET™ Power MOSFET

CSD25202W15 Datasheet (HTML) - Texas Instruments


CSD25202W15 Product details

1 Features
1• Low-Resistance
• Small Footprint 1.5 mm × 1.5 mm
• Gate ESD Protection –3 kV
• Pb Free
• RoHS Compliant
• Halogen Free
• Gate-Source Voltage Clamp

2 Applications
• Battery Management
• Battery Protection

3 Description
This 21 mΩ, 20 V device is designed to deliver the
lowest on resistance and gate charge in a small 1.5
mm × 1.5 mm chip scale package with excellent
thermal characteristics in an ultra-low profile. Low on
resistance coupled with the small footprint and low profile make the device ideal for battery operated
space constrained applications.




Similar Part No. - CSD25202W15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD25202W15 TI1-CSD25202W15 Datasheet
416Kb / 12P
20V P-Channel NexFET Power MOSFET
CSD25202W15T TI1-CSD25202W15T Datasheet
416Kb / 12P
20V P-Channel NexFET Power MOSFET
CSD25202W15 TI-CSD25202W15_15 Datasheet
957Kb / 15P
CSD25202W15 20-V P-Channel NexFET Power MOSFET
More results


Similar Description - CSD25202W15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD25402Q3A TI1-CSD25402Q3A Datasheet
1Mb / 13P
20 V P-Channel NexFET Power MOSFET
CSD25310Q2 TI1-CSD25310Q2 Datasheet
760Kb / 11P
CSD25310Q2, 20 V P-Channel NexFET Power MOSFETs
CSD22204W TI-CSD22204W_15 Datasheet
1Mb / 15P
CSD22204W ?? V P-Channel NexFET Power MOSFET
CSD25202W15 TI-CSD25202W15_15 Datasheet
957Kb / 15P
CSD25202W15 20-V P-Channel NexFET Power MOSFET
CSD25304W1015 TI-CSD25304W1015_15 Datasheet
1Mb / 17P
CSD25304W1015 20-V P-Channel NexFET Power MOSFET
CSD25402Q3A TI1-CSD25402Q3A_16 Datasheet
1Mb / 15P
20 V P-Channel NexFET Power MOSFET
CSD25404Q3 TI1-CSD25404Q3 Datasheet
406Kb / 13P
20 V P-Channel NexFET Power MOSFET
CSD23203W TI1-CSD23203W Datasheet
369Kb / 12P
8 V P-Channel NexFET Power MOSFET
CSD22205L TI1-CSD22205L Datasheet
618Kb / 11P
8-V P-Channel NexFET Power MOSFET
CSD25310Q2 TI1-CSD25310Q2_18 Datasheet
779Kb / 14P
20 V P-Channel NexFET Power MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com