Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD85302L Datasheet (PDF) - Texas Instruments

CSD85302L Datasheet PDF - Texas Instruments
Part # CSD85302L
Download  CSD85302L Download
File Size   474.29 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD85302L 20 V Dual N-Channel NexFET™ Power MOSFET

CSD85302L Datasheet (PDF)

Go To PDF Page Download Datasheet
CSD85302L Datasheet PDF - Texas Instruments

Part # CSD85302L
Download  CSD85302L Click to download

File Size   474.29 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD85302L 20 V Dual N-Channel NexFET™ Power MOSFET

CSD85302L Datasheet (HTML) - Texas Instruments


CSD85302L Product details

1 Features
1• Common Drain Configuration
• Low On-Resistance
• Small Footprint of 1.35 mm × 1.35 mm
• Pb Free and Halogen Free
• RoHS Compliant
• ESD HBM Protection >2.5 kV

2 Applications
• USB Type-C/PD
• Battery Management
• Battery Protection

3 Description
This 20 V, 18.7 mΩ, 1.35 mm × 1.35 mm LGA Dual
NexFET™ power MOSFET is designed to minimize
resistance in the smallest footprint. Its small footprint
and common drain configuration make the device
ideal for battery-powered applications in small
handheld devices.




Similar Part No. - CSD85302L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD85302L TI1-CSD85302L Datasheet
418Kb / 13P
20 V Dual N-Channel NexFET Power MOSFET
CSD85302LT TI1-CSD85302LT Datasheet
418Kb / 13P
20 V Dual N-Channel NexFET Power MOSFET
More results


Similar Description - CSD85302L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD86311W1723 TI-CSD86311W1723 Datasheet
415Kb / 10P
Dual N-Channel NexFET??Power MOSFET
CSD15571Q2 TI-CSD15571Q2 Datasheet
836Kb / 10P
20-V N-Channel NexFET Power MOSFETs
CSD25402Q3A TI1-CSD25402Q3A Datasheet
1Mb / 13P
20 V P-Channel NexFET Power MOSFET
CSD85312Q3E TI1-CSD85312Q3E Datasheet
1Mb / 13P
Dual 20 V N-Channel NexFET Power MOSFETs
CSD83325L TI1-CSD83325L Datasheet
639Kb / 11P
12 V Dual N-Channel NexFET??Power MOSFET
CSD85301Q2 TI-CSD85301Q2_15 Datasheet
1Mb / 15P
CSD85301Q2 20 V Dual N-Channel NexFET Power MOSFETs
CSD25402Q3A TI1-CSD25402Q3A_16 Datasheet
1Mb / 15P
20 V P-Channel NexFET Power MOSFET
CSD83325L TI1-CSD83325L_16 Datasheet
1Mb / 14P
12 V Dual N-Channel NexFET Power MOSFET
CSD85302L TI1-CSD85302L Datasheet
418Kb / 13P
20 V Dual N-Channel NexFET Power MOSFET
CSD25404Q3 TI1-CSD25404Q3 Datasheet
406Kb / 13P
20 V P-Channel NexFET Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com