Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC3H100H Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

SSC3H100H Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # SSC3H100H
Download  SSC3H100H Download
File Size   433.12 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 3A, 100V Schottky Barrier Surface Mount Rectifier

SSC3H100H Datasheet (PDF)

Go To PDF Page Download Datasheet
SSC3H100H Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # SSC3H100H
Download  SSC3H100H Click to download

File Size   433.12 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 3A, 100V Schottky Barrier Surface Mount Rectifier

SSC3H100H Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


SSC3H100H Product details

FEATURES
AEC-Q101 qualified
Low power loss, high efficiency
Ideal for automated placement
High surge current capability
Moisture sensitivity level: level 1, per J-STD-020
RoHS Compliant
Halogen-free

APPLICATIONS
Low voltage, high frequency
DC/DC converter
Freewheeling diodes
Reverse battery protection
Car lighting




Similar Part No. - SSC3H100H

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SSC3H40H TSC-SSC3H40H Datasheet
433Kb / 6P
3A, 40V Schottky Barrier Surface Mount Rectifier
Version: A2504
SSC3H60H TSC-SSC3H60H Datasheet
433Kb / 6P
3A, 60V Schottky Barrier Surface Mount Rectifier
Version: A2504
More results


Similar Description - SSC3H100H

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBRM360 DIODES-MBRM360 Datasheet
65Kb / 3P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER POWERMITE3
DS30355 Rev. 2 - 2
SBM340 DIODES-SBM340 Datasheet
77Kb / 3P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER POWERMITE3
DS30362 Rev. 2 - 2
MBRM360 DIODES-MBRM360_1 Datasheet
476Kb / 4P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30355 Rev. 4 - 2
SBM340 DIODES-SBM340_1 Datasheet
396Kb / 3P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30362 Rev. 5- 2
MBRM360 DIODES-MBRM360_2 Datasheet
120Kb / 4P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30355 Rev. 5 - 2
SBM340 DIODES-SBM340_2 Datasheet
121Kb / 4P
3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30362 Rev. 6 - 2
logo
GOOD-ARK Electronics
LSL3B GOOD-ARK-LSL3B Datasheet
263Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 100V Forward Current 3A
logo
Taiwan Semiconductor Co...
SK24A-T TSC-SK24A-T Datasheet
301Kb / 6P
2A, 40V - 100V Surface Mount Schottky Barrier Rectifier
SK34A-T TSC-SK34A-T Datasheet
379Kb / 6P
3A, 40V - 100V Surface Mount Schottky Barrier Rectifier
logo
PFC Device Inc.
SR3100H PFC-SR3100H Datasheet
559Kb / 5P
3A 100V Schottky Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com