Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLD82AH Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TLD82AH Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TLD82AH
Download  TLD82AH Download
File Size   487.18 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 26V - 82V Surface Mount Transient Voltage Suppressor

TLD82AH Datasheet (PDF)

Go To PDF Page Download Datasheet
TLD82AH Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TLD82AH
Download  TLD82AH Click to download

File Size   487.18 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 26V - 82V Surface Mount Transient Voltage Suppressor

TLD82AH Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TLD82AH Product details

FEATURES
AEC-Q101 qualified
Low leakage current: 1μA at 25 °C
TJ = 175°C capability suitable for high reliability and automotive requirement
Meets ISO7637-2 and ISO16750-2 surge specifications
(varied by test conditions)
Meets IEC 61000-4-2 (Level: 4) / ISO 10605 (Level: L4)
Moisture sensitivity level: level 1, per J-STD-020
RoHS Compliant
Halogen-free

APPLICATIONS
Transient surge protection
Automotive load dump surge protection




Similar Part No. - TLD82AH

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TLD8S10AH TSC-TLD8S10AH Datasheet
353Kb / 5P
6600W, 10V ??43V Surface Mount Transient Voltage Suppressor
TLD8S11AH TSC-TLD8S11AH Datasheet
353Kb / 5P
6600W, 10V ??43V Surface Mount Transient Voltage Suppressor
TLD8S12AH TSC-TLD8S12AH Datasheet
353Kb / 5P
6600W, 10V ??43V Surface Mount Transient Voltage Suppressor
TLD8S13AH TSC-TLD8S13AH Datasheet
353Kb / 5P
6600W, 10V ??43V Surface Mount Transient Voltage Suppressor
TLD8S14AH TSC-TLD8S14AH Datasheet
353Kb / 5P
6600W, 10V ??43V Surface Mount Transient Voltage Suppressor
More results


Similar Description - TLD82AH

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
SMDJ5.0 DIOTECH-SMDJ5.0 Datasheet
935Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
1.5SMC DIOTECH-1.5SMC Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Semiconducto...
SMBJ5.0 CHENDA-SMBJ5.0 Datasheet
2Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SAMYANG ELECTRONICS CO....
SMF SAMYANG-SMF Datasheet
1Mb / 4P
Surface Mount Transient Voltage Suppressor
logo
Alpha & Omega Semicondu...
1.5SMC6.8 AOSMD-1.5SMC6.8 Datasheet
707Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.1 July 2021
SMAJ5.0A AOSMD-SMAJ5.0A Datasheet
713Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
SMBJ5.0A AOSMD-SMBJ5.0A Datasheet
706Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com