Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXP830 Datasheet (PDF) - Panasonic Semiconductor

FXP830 Datasheet PDF - Panasonic Semiconductor
Part # FXP830
Download  FXP830 Download
File Size   4679.68 Kbytes
Page   50 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Wi-Fi 6 Dual Band 2.4 GHz/5 GHz, Bluetooth® and 802.15.4 (PAN9019A only) Module

FXP830 Datasheet (PDF)

Go To PDF Page Download Datasheet
FXP830 Datasheet PDF - Panasonic Semiconductor

Part # FXP830
Download  FXP830 Click to download

File Size   4679.68 Kbytes
Page   50 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Wi-Fi 6 Dual Band 2.4 GHz/5 GHz, Bluetooth® and 802.15.4 (PAN9019A only) Module

FXP830 Datasheet (HTML) - Panasonic Semiconductor


FXP830 Product details

Features
• Dual band 2.4 GHz and 5 GHz 802.11
a/b/g/n/ac/ax Wi-Fi, Bluetooth, and 802.15.41
combo module
• Supports WPA3 security
• Secured boot and firmware
• 802.11e Quality of Service is supported for
multimedia application
• IEEE 802.11ax, 1×1 spatial stream with data
rates up to 600 Mbps (MCS11, 80 MHz channel
bandwidth)
• OFDMA (UL/DL) and MU-MIMO (UL/DL)
• Bluetooth 5.4 (including LE and long range)
• WCI-2- and 5-wire PTA coexistence interfaces
• Generic interfaces include SDIO 3.0, high-speed
UART and SPI2 for host processor connection
• OS driver support for RTOS, Linux®, and
Android™




Similar Part No. - FXP830

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXP830.07.0100C TAOGLAS-FXP830.07.0100C Datasheet
1Mb / 14P
Ground-plane Independent
FXP830.09.0100C TAOGLAS-FXP830.09.0100C Datasheet
3Mb / 21P
Ground-plane Independent
FXP830.24.0100B TAOGLAS-FXP830.24.0100B Datasheet
728Kb / 14P
Very High Efficiency
logo
List of Unclassifed Man...
FXP830070100C ETC2-FXP830070100C Datasheet
296Kb / 11P
FXP.830 Freedom Wi-Fi 2.4/5 GHz Dipole Antenna
logo
Taoglas antenna solutio...
FXP830070100C TAOGLAS-FXP830070100C Datasheet
404Kb / 13P
FXP.830 Freedom Dual Band Wi-Fi 2.4/5.8 GHz Dipole Antenna
More results


Similar Description - FXP830

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
PAN9026 PANASONICBATTERY-PAN9026 Datasheet
2Mb / 83P
Wi-Fi Dual Band 2.4/5 GHz and Bluetooth Module
logo
Panasonic Semiconductor
PAN9026 PANASONIC-PAN9026 Datasheet
2Mb / 99P
PAN9026 Wi-Fi Dual Band 2.4 GHz and 5 GHz and Bluetooth Module
logo
Tripp Lite. All Rights ...
U263-AC600 TRIPPLITE-U263-AC600 Datasheet
182Kb / 3P
Dual-Band USB Wi-Fi Adapter - 2.4 GHz and 5 GHz
logo
NXP Semiconductors
88W8987-SDS NXP-88W8987-SDS Datasheet
1Mb / 88P
2.4/5 GHz Dual-band 1x1 Wi-Fi 5 (802.11ac) and Bluetooth 5.2 Solution
Rev. 2-21 May 2021
88W8977-SDS NXP-88W8977-SDS Datasheet
945Kb / 81P
2.4 GHz/5 GHz Dual-band 1x1 Wi-Fi 4 and Bluetooth 5.2Combo SoC
Rev. 3-13 May 2021
88W8987-SDS NXP-88W8987-SDS_V01 Datasheet
1Mb / 89P
2.4/5 GHz Dual-band 1x1 Wi-Fi 5 (802.11ac) and Bluetooth 5.2 Solution
Rev.3-15 September2021
88W8987_SDS NXP-88W8987_SDS_V01 Datasheet
1Mb / 89P
2.4/5 GHz Dual-band 1x1 Wi-Fi 5 (802.11ac) and Bluetooth 5.2 Solution
Rev. 4?? May 2022
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32-S3 ESPRESSIF-ESP32-S3 Datasheet
889Kb / 69P
2.4 GHz Wi-Fi Bluetooth® LE SoC Supporting IEEE 802.11 b/g/n (2.4 GHz Wi-Fi) and Bluetooth® 5 (LE)
Version 1.3
logo
NXP Semiconductors
88W8987_SDS NXP-88W8987_SDS_V02 Datasheet
1Mb / 89P
2.4/5 GHz Dual-band 1x1 Wi-Fi 5 (802.11ac) and Bluetooth 5.2 Solution
Rev. 5 - 11 November 2022
88W8987_SDS NXP-88W8987_SDS_V03 Datasheet
1Mb / 91P
2.4/5 GHz Dual-band 1x1 Wi-Fi 5 (802.11ac) and Bluetooth 5.2 Solution
Rev. 6 - 2 December 2022
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com