Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP166J Datasheet (PDF) - Toshiba Semiconductor

TLP166J Datasheet PDF - Toshiba Semiconductor
Part # TLP166J
Download  TLP166J Download
File Size   136.85 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocoupler GaAs Ired Photo−Triac

TLP166J Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP166J Datasheet PDF - Toshiba Semiconductor

Part # TLP166J
Download  TLP166J Click to download

File Size   136.85 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Photocoupler GaAs Ired Photo−Triac

TLP166J Datasheet (HTML) - Toshiba Semiconductor


TLP166J Product details

Triac Drive Programmable Controllers

AC−Output Module Solid State Relay



The TOSHIBA mini flat coupler TLP166J is a small outline coupler, suitable for surface mount assembly.

The TLP166J consists of a photo triac, optically coupled to a gallium arsenide infrared emitting diode.



• Peak off−state voltage: 600V(min.)

• Trigger LED current: 10mA(max.)

• On−state current: 70mA(max.)

• Isolation voltage: 2500Vrms(min.)

• UL recognized: UL1577, file no. E67349

• Option(V4) type

   VDE approved: VDE0884 satisfied

   Maximum operating insulation voltage: 565Vpk

   Highest permissible over voltage: 4000Vpk



 




Similar Part No. - TLP166J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP166J TOSHIBA-TLP166J_14 Datasheet
163Kb / 4P
TOSHIBA Photocoupler GaAs Ired plus Photo?뭈riac
More results


Similar Description - TLP166J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP763J TOSHIBA-TLP763J_07 Datasheet
159Kb / 5P
GaAs Ired & Photo−Triac
TLP762JF TOSHIBA-TLP762JF_07 Datasheet
128Kb / 2P
GaAs Ired & Photo−Triac
TLP561J TOSHIBA-TLP561J_07 Datasheet
514Kb / 6P
GaAs IRed & Photo−Triac
TLP560J TOSHIBA-TLP560J_07 Datasheet
188Kb / 6P
GaAs Ired & Photo−Triac
TLP560G TOSHIBA-TLP560G_07 Datasheet
205Kb / 6P
GaAs Ired & Photo−Triac
TLP525G TOSHIBA-TLP525G_07 Datasheet
566Kb / 6P
GaAs IRed & Photo−Triac
TLP261J TOSHIBA-TLP261J Datasheet
169Kb / 6P
GaAs IRED Photo−Triac
TLP160G TOSHIBA-TLP160G_07 Datasheet
188Kb / 6P
PHOTOCOUPLER GAAS IRED & PHOTO TRIAC
TLP161G TOSHIBA-TLP161G_07 Datasheet
190Kb / 6P
Photocoupler GaAs Ired & Photo-Triac
TLP165J TOSHIBA-TLP165J_07 Datasheet
175Kb / 4P
Photocoupler GaAs Ired & Photo-Triac
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com