Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73837 Datasheet (PDF) - Microchip Technology

MCP73837 Datasheet PDF - Microchip Technology
Part # MCP73837
Download  MCP73837 Download
File Size   842.38 Kbytes
Page   30 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Advanced Stand-Alone Li-Ion / Li-Polymer Battery Charge Management Controller with Autonomous AC-Adapter or USB-Port Source Selection

MCP73837 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP73837 Datasheet PDF - Microchip Technology

Part # MCP73837
Download  MCP73837 Click to download

File Size   842.38 Kbytes
Page   30 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Advanced Stand-Alone Li-Ion / Li-Polymer Battery Charge Management Controller with Autonomous AC-Adapter or USB-Port Source Selection

MCP73837 Datasheet (HTML) - Microchip Technology


MCP73837 Product details

Description

The MCP73837 and MCP73838 devices are fully integrated linear Li-Ion / Li-Polymer battery chargers with autonomous power source selection. Along with its small physical size, the low number of external components required makes the MCP73837/8 ideally suitable for portable applications.



Features

• High Accuracy Preset Voltage Regulation: +0.5%

• Available Voltage Regulation Options:

- 4.20V, 4.35V, 4.4V, or 4.5V

• Complete Linear Charge Management Controller:

- Autonomous Power Source Selection

- Integrated Pass Transistors

- Integrated Current Sense

- Integrated Reverse Discharge Protection

• Constant Current (CC) / Constant Voltage (CV) Operation with Thermal Regulation

• Selectable USB-Port Charge Current:

- Low: 1 Unit Load / High: 5 Unit Loads

• Programmable AC-Adapter Charge Current:

- 15mA - 1000mA

• Two Charge Status Outputs

• Power-Good Monitor: MCP73837

• Timer Enable: MCP73838

• Automatic Recharge:

- Selectable Voltage Threshold

• Automatic End-of-Charge Control:

- Selectable Charge Termination Current Ratio

- Selectable Safety Timer Period

• Preconditioning of Deeply Depleted Cells - can be disabled

• Battery Cell Temperature Monitor

• UVLO (Undervoltage Lockout)

• Automatic Power-Down when Input Power is Removed

• Low-Dropout (LDO) Linear Regulator Mode

• Numerous Selectable Options Available for a Variety of Applications:

- Refer to Section 1.0 “Electrical Characteristics”for Selectable Options”

- Refer to the “Product Identification System”for Standard Options

• Temperature Range: -40°C to 85°C

• Packaging:

- 10-Lead 3 mm x 3 mm DFN

- 10-Lead MSOP*

* Consult Factory for MSOP Package Availability.



Applications

• Smart Phones and Personal Data Assistants(PDA)

• Portable Media Players(PMP)

• Ultra Mobile Devices(UMD)

• Digital Cameras

• MP3 Players

• Bluetooth Headsets

• Handheld Medical Devices

• AC/USB Dual Source Li-Ion Battery Chargers




Similar Part No. - MCP73837

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73837-6SI/MF MICROCHIP-MCP73837-6SI/MF Datasheet
1Mb / 36P
Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
07/14/15
MCP73837-6SI/UN MICROCHIP-MCP73837-6SI/UN Datasheet
1Mb / 36P
Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
07/14/15
MCP73837-AMI/MF MICROCHIP-MCP73837-AMI/MF Datasheet
1Mb / 36P
Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
07/14/15
MCP73837-AMI/UN MICROCHIP-MCP73837-AMI/UN Datasheet
1Mb / 36P
Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
07/14/15
MCP73837-B6I/MF MICROCHIP-MCP73837-B6I/MF Datasheet
1Mb / 36P
Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
07/14/15
More results


Similar Description - MCP73837

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73833 MICROCHIP-MCP73833 Datasheet
1Mb / 26P
Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
2006
MCP73833 MICROCHIP-MCP73833_09 Datasheet
1Mb / 32P
Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
2009
MCP73871 MICROCHIP-MCP73871 Datasheet
670Kb / 38P
Stand-Alone System Load Sharing and Li-Ion / Li-Polymer Battery Charge Management Controller
2009
logo
Texas Instruments
BQ24618 TI-BQ24618 Datasheet
1Mb / 36P
Stand-Alone USB-Friendly Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger
logo
Microchip Technology
MCP73853 MICROCHIP-MCP73853_13 Datasheet
799Kb / 32P
USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
11/29/11 2004-2013
MCP73833T-AMI MICROCHIP-MCP73833T-AMI Datasheet
1Mb / 26P
Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
08/29/06
MCP73853-I MICROCHIP-MCP73853-I Datasheet
275Kb / 24P
USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
10/20/04
MCP73871 MICROCHIP-MCP73871_13 Datasheet
1Mb / 40P
Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
08/20/13
MCP73837 MICROCHIP-MCP73837_15 Datasheet
1Mb / 36P
Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
07/14/15
MCP73871 MICROCHIP-MCP73871_V01 Datasheet
1,009Kb / 36P
Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
Revision F February 2022
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com