Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UG-2245 Datasheet (PDF) - Analog Devices

UG-2245 Datasheet PDF - Analog Devices
Part # UG-2245
Download  UG-2245 Download
File Size   916.77 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description AD-BMSE2E3W-SL Quick Start Guide

UG-2245 Datasheet (PDF)

Go To PDF Page Download Datasheet
UG-2245 Datasheet PDF - Analog Devices

Part # UG-2245
Download  UG-2245 Click to download

File Size   916.77 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description AD-BMSE2E3W-SL Quick Start Guide

UG-2245 Datasheet (HTML) - Analog Devices


UG-2245 Product details

FEATURES
► Variable 72 V to 96 V Regulated Voltage Range, Suitable for
E2W/E3W Applications
► ASIL-D Compliant and Automotive Grade BMS Chip
► Built-In Charge/Precharge, and Discharge Circuitry
► 1.8 mV Total Measurement Error for Cell Voltage Monitoring
► High Performance Cell/Pack Voltage and Current Monitoring
► On-Board isoSPI Communication
► Low Power Cell Monitoring (LPCM) Capability
► GPIO Controllable FET Monitoring
► ADBMS6830 GPIO Input Ready for NTC Sensors
► Low Power MAX32690 MCU
► UART and CAN Communication
► SOC and SOH Thru Enhanced Coulomb Counting Technique
► E2W/E3W Basic System Behavior Modes
► GUI Capable of the Following Measurements and Fault Detection:
► Cell Monitoring
► Voltage and Current Pack Monitoring
► Charge Current Monitoring
► Discharge Current Monitoring
► Temperature Monitoring
► Cell OV/UV Detection
► Cell/GPIO Open-Wire Detection
► Cell Balancing




Similar Part No. - UG-2245

ManufacturerPart #DatasheetDescription
logo
Analog Devices
UG-2242 AD-UG-2242 Datasheet
1Mb / 11P
Evaluating the AD4857 Buffered, 8-Channel Simultaneous Sampling, 16-Bit 1 MSPS DAS
Rev. B
UG-2244 AD-UG-2244 Datasheet
1Mb / 10P
Evaluating the AD45336 32-Channel, High Voltage, Matched Precision Resistor Divider
Rev. 0
More results


Similar Description - UG-2245

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DEMO9S08QG8QSG FREESCALE-DEMO9S08QG8QSG Datasheet
56Kb / 2P
DEMO9S08QG8 Quick Start Guide
logo
NXP Semiconductors
UM10505 PHILIPS-UM10505 Datasheet
1Mb / 17P
OM11057 quick start guide
Rev. 2-10 April 2013
logo
Silicon Laboratories
CP2104-EK SILABS-CP2104-EK Datasheet
218Kb / 8P
Quick Start Guide
CP2105-EK SILABS-CP2105-EK Datasheet
261Kb / 10P
Quick Start Guide
CP2110-EK SILABS-CP2110-EK Datasheet
287Kb / 10P
Quick Start Guide
CP2112-EK SILABS-CP2112-EK Datasheet
434Kb / 14P
Quick Start Guide
logo
Zilog, Inc.
QS0075 ZILOG-QS0075 Datasheet
1Mb / 19P
Quick Start Guide
QS0086 ZILOG-QS0086 Datasheet
291Kb / 18P
Quick Start Guide
logo
NXP Semiconductors
MPC830X-TLCD NXP-MPC830X-TLCD Datasheet
934Kb / 4P
Quick Start Guide
11/3/11
logo
Maxim Integrated Produc...
MAXREFDES143 MAXIM-MAXREFDES143 Datasheet
3Mb / 15P
Quick Start Guide
UG6296 ; Rev 0; 6/16
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com