Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TGA2227 Datasheet (PDF) - Qorvo, Inc

TGA2227 Datasheet PDF - Qorvo, Inc
Part # TGA2227
Download  TGA2227 Download
File Size   613.98 Kbytes
Page   15 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 2 – 22 GHz GaN Low Noise Amplifier

TGA2227 Datasheet (PDF)

Go To PDF Page Download Datasheet
TGA2227 Datasheet PDF - Qorvo, Inc

Part # TGA2227
Download  TGA2227 Click to download

File Size   613.98 Kbytes
Page   15 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 2 – 22 GHz GaN Low Noise Amplifier

TGA2227 Datasheet (HTML) - Qorvo, Inc


TGA2227 Product details

Applications
• Commercial & Military Communications
• Commercial & Military Radar
• Electronic Warfare
• Instrumentation
• LNA, driver, gain block, general amplification Product Features
• Frequency Range: 2 – 22 GHz
• High Input Power Survivability: 40 dBm
• Noise Figure: 2.0 dB (midband)
• Gain > 15 dB
• IM3: −31 dBc ( PIN / tone=−4 dBm, Δf = 10 MHz)
• P1dB > 20 dBm
• Bias: : VD = +8 V, IDQ = 125 mA
• Die Dimensions: 2.040 x 1.490 x 0.1 mm




Similar Part No. - TGA2227

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2227 TRIQUINT-TGA2227 Datasheet
1Mb / 16P
2??2 GHz GaN Low Noise Amplifier
logo
Qorvo, Inc
TGA2227-SM QORVO-TGA2227-SM Datasheet
900Kb / 17P
2 ??22 GHz GaN Low Noise Amplifier
TGA2227-SM QORVO-TGA2227-SM Datasheet
912Kb / 17P
2 ??22 GHz GaN Low Noise Amplifier
Nov. 2021
TGA2227-SMEVB02 QORVO-TGA2227-SMEVB02 Datasheet
900Kb / 17P
2 ??22 GHz GaN Low Noise Amplifier
TGA2227-SMEVB02 QORVO-TGA2227-SMEVB02 Datasheet
912Kb / 17P
2 ??22 GHz GaN Low Noise Amplifier
Nov. 2021
More results


Similar Description - TGA2227

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2227 TRIQUINT-TGA2227 Datasheet
1Mb / 16P
2??2 GHz GaN Low Noise Amplifier
logo
Custom MMIC Design Serv...
CMD219C4 MMIC-CMD219C4 Datasheet
248Kb / 12P
4-8 GHz GaN Low Noise Amplifier
CMD219 MMIC-CMD219 Datasheet
224Kb / 12P
4-8 GHz GaN Low Noise Amplifier
CMD218C4 MMIC-CMD218C4 Datasheet
259Kb / 12P
5-9 GHz GaN Low Noise Amplifier
CMD218 MMIC-CMD218 Datasheet
222Kb / 12P
5-9 GHz GaN Low Noise Amplifier
CMD277C4 MMIC-CMD277C4 Datasheet
249Kb / 12P
5-7 GHz GaN Low Noise Amplifier
CMD278 MMIC-CMD278 Datasheet
230Kb / 12P
8-12 GHz GaN Low Noise Amplifier
CMD290 MMIC-CMD290 Datasheet
342Kb / 14P
2-26 GHz GaN Low Noise Amplifier
logo
Qorvo, Inc
TGA2227-SM QORVO-TGA2227-SM Datasheet
900Kb / 17P
2 ??22 GHz GaN Low Noise Amplifier
TGA2227-SM QORVO-TGA2227-SM_V01 Datasheet
912Kb / 17P
2 ??22 GHz GaN Low Noise Amplifier
Nov. 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com