Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTM400 Datasheet (PDF) - Sensata Technologies, Inc.

GTM400 Datasheet PDF - Sensata Technologies, Inc.
Part # GTM400
Download  GTM400 Download
File Size   1116.53 Kbytes
Page   3 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description 400 Amp 1500 Vdc Hermetic Sealed DC Contactor

GTM400 Datasheet (PDF)

Go To PDF Page Download Datasheet
GTM400 Datasheet PDF - Sensata Technologies, Inc.

Part # GTM400
Download  GTM400 Click to download

File Size   1116.53 Kbytes
Page   3 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description 400 Amp 1500 Vdc Hermetic Sealed DC Contactor

GTM400 Datasheet (HTML) - Sensata Technologies, Inc.


GTM400 Product details

Features
• High power - up to 1500V / 400A
• Fully bidirectional switching
• Patented GTMS (glass-to-metal seal)
technology




Similar Part No. - GTM400

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
GTM500-BAB SENSATA-GTM500-BAB Datasheet
174Kb / 1P
500A BIDIRECTIONAL SWITCH, GTMS
29-APR-2025
GTM500-BAC SENSATA-GTM500-BAC Datasheet
174Kb / 1P
500A BIDIRECTIONAL SWITCH, GTMS
29-APR-2025
GTM500-BAD SENSATA-GTM500-BAD Datasheet
174Kb / 1P
500A BIDIRECTIONAL SWITCH, GTMS
29-APR-2025
GTM500-BBB SENSATA-GTM500-BBB Datasheet
174Kb / 1P
500A BIDIRECTIONAL SWITCH, GTMS
29-APR-2025
GTM500-BBC SENSATA-GTM500-BBC Datasheet
174Kb / 1P
500A BIDIRECTIONAL SWITCH, GTMS
29-APR-2025
More results


Similar Description - GTM400

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
1770-1723 GLENAIR-1770-1723 Datasheet
168Kb / 1P
Epoxy Sealed Hermetic Connector
logo
Texas Instruments
PT3320 TI1-PT3320_09 Datasheet
202Kb / 9P
1500 VDC Isolation
PT3340 TI1-PT3340_14 Datasheet
218Kb / 11P
1500 VDC Isolation
PT4100-24V TI1-PT4100-24V_14 Datasheet
153Kb / 3P
1500 VDC Isolation
PT4100-48V TI1-PT4100-48V_14 Datasheet
180Kb / 4P
1500 VDC Isolation
PT4500 TI1-PT4500_14 Datasheet
410Kb / 9P
1500 VDC Isolation
logo
Kemet Corporation
C44USGT6400M87K KEMET-C44USGT6400M87K Datasheet
66Kb / 1P
C44U_M, Film, Metallized Polypropylene, DC Link, 400 uF, 10%, 1500 VDC
logo
Sensata Technologies, I...
GX11 SENSATA-GX11 Datasheet
1Mb / 4P
150 Amp 12-800 Vdc Contactor
Rev 6 10/23/15
GV24 SENSATA-GV24 Datasheet
507Kb / 6P
400 AMP 800 VDC CONTACTOR
28-Apr-2022
HX24 SENSATA-HX24 Datasheet
349Kb / 5P
1500 VDC CONTACTOR
26/Jan/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com