Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS301 Datasheet (PDF) - Sensata Technologies, Inc.

HS301 Datasheet PDF - Sensata Technologies, Inc.
Part # HS301
Download  HS301 Download
File Size   2990.53 Kbytes
Page   7 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description PANEL MOUNT SOLID STATE RELAYS

HS301 Datasheet (PDF)

Go To PDF Page Download Datasheet
HS301 Datasheet PDF - Sensata Technologies, Inc.

Part # HS301
Download  HS301 Click to download

File Size   2990.53 Kbytes
Page   7 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description PANEL MOUNT SOLID STATE RELAYS

HS301 Datasheet (HTML) - Sensata Technologies, Inc.


HS301 Product details

Features
• Ratings from 25A to 125A @ 48-660 VAC
• Low o-state leakage current (snubberless)
• SCR output for heavy industrial loads
• Zero Voltage or instantaneous turn-on outputs
• UL/CSA/TUV Approved, CE Compliant to EN60950-1
• Improved SEMS screw and washer
• Redesigned housing with anti-rotation barriers
• DC control
• Direct bond copper substrate
• EMC Compliant to Level 3
• Direct power lead frame
• Epoxy free design




Similar Part No. - HS301

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
HS301 CRYDOM-HS301 Datasheet
338Kb / 2P
DIN Rail Adapter fits Standard 35mm DIN Rail
HS301 CRYDOM-HS301 Datasheet
234Kb / 1P
HK1 contains 2 SSR mounting screws 8-32 x 3/8
HS301 CRYDOM-HS301 Datasheet
555Kb / 4P
Panel Mount
logo
Sensata Technologies, I...
HS301 SENSATA-HS301 Datasheet
191Kb / 3P
DIN RAIL OR PANEL MOUNT HEAT SINKS
Rev:10/28/24
HS301 SENSATA-HS301 Datasheet
620Kb / 7P
POWERPLUS DC SERIES | 100 VDC
07/09/2024 Rev. B
More results


Similar Description - HS301

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
Solid-State Relays
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
Solid-State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
Solid State Relays
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
Solid State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
Solid-State Relays
logo
List of Unclassifed Man...
RSSDN-10A ETC2-RSSDN-10A Datasheet
221Kb / 4P
RSS Series-Panel Mount Solid State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
Solid State Relays
logo
Sensata Technologies, I...
CX-SERIES SENSATA-CX-SERIES Datasheet
304Kb / 5P
PCB MOUNT SOLID STATE RELAYS
Rev. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com