Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S360-WH Datasheet (PDF) - Timeguard

S360-WH Datasheet PDF - Timeguard
Part # S360-WH
Download  S360-WH Download
File Size   1412.53 Kbytes
Page   3 Pages
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard
Description Präsenzmelder & Bewegungsmelder Deckenmontage außen

S360-WH Datasheet (PDF)

Go To PDF Page Download Datasheet
S360-WH Datasheet PDF - Timeguard

Part # S360-WH
Download  S360-WH Click to download

File Size   1412.53 Kbytes
Page   3 Pages
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard
Description Präsenzmelder & Bewegungsmelder Deckenmontage außen

S360-WH Datasheet (HTML) - Timeguard


S360-WH Product details

Description
- Passive infra-red motion detector
- For outdoor use
- For installation on walls and ceilings
- 360° detection angle
- Sensor head can be turned by ± 90° horizontally, by 45° downwards
and by 90° upwards
- Adjustable brightness switching value and switch-off delay
- Sensitivity can be reduced to limit detection area
- Area limit via lens attachment
- Mixed light measurement suitable for the control of fluorescent,
incandescent, halogen lamps and LEDs
- Zero-cross switching for relay-saving switching and high lamp loads
- Teach-in of current brightness value possible
- Pulse function
- Test function for checking detection area
- Installation on flush-mounted socket possible (60 mm)
- Single-handed plug-in installation
- Instant start-up possible via factory preset
- Controls are place protected
- Terminal for protective earth conductor
- Corner angle included in delivery




Similar Part No. - S360-WH

ManufacturerPart #DatasheetDescription
logo
Timeguard
S360 TIMEGUARD-S360 Datasheet
1Mb / 3P
Präsenzmelder & Bewegungsmelder Deckenmontage außen
11/10/2022
More results





Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com