Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

190980017 Datasheet (PDF) - Molex Electronics Ltd.

190980017 Datasheet PDF - Molex Electronics Ltd.
Part # 190980017
Download  190980017 Download
File Size   129.08 Kbytes
Page   14 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description ServiceGrade Hand Crimp Tool - Ratchet

190980017 Datasheet (PDF)

Go To PDF Page Download Datasheet
190980017 Datasheet PDF - Molex Electronics Ltd.

Part # 190980017
Download  190980017 Click to download

File Size   129.08 Kbytes
Page   14 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description ServiceGrade Hand Crimp Tool - Ratchet

190980017 Datasheet (HTML) - Molex Electronics Ltd.


190980017 Product details

General
Status Active
Category Crimp Presses and Crimp Hand
Tools
Series 207129
Description ServiceGrade Hand Crimp Tool -
Ratchet
Comments ServiceGrade crimp hand tools are
low cost ratcheting hand tools used
in field repair for a limited number
of terminations. If a high quality
tool is required or a higher volume
of terminations required, please
purchase the corresponding
PremiumGrade crimp hand tool. A
ServiceGrade crimp tool may or
may not have a terminal locator
and in some case may need the
locator removed to operate
properly; Type: SERV GRADE
Function Crimp
Geographic Area Global
Level of Automation Manual
More Detailed Tech Information toolingsupport@molex.com
Product Name ServiceGrade
Tool Type Hand Crimp Tool
UPC 822348487790
Warranty Disclaimer CAUTION: Molex tooling crimp
specifications are valid only when
used with Molex terminals and
tooling manufactured by Molex and
sold by Molex or authorized
distributors ("Molex Tooling").
When using tooling other than
Molex Tooling with Molex specific
connector systems listed in our ATS
documents, the Molex tooling
qualification does not apply and
the responsibility for full
qualification of the connector
system is that of the customer.
Molex accepts no liability for
connector performance or tooling
support where tooling other than
Molex Tooling is used or where
Molex Tooling is modified.




Similar Part No. - 190980017

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
190980017 MOLEX4-190980017 Datasheet
94Kb / 2P
Krimptite??Snap Spade Terminal, for 18-22 AWG Wire, Stud Size 5 (M3), 14.86mm(.585") Length
190980017 MOLEX-190980017 Datasheet
132Kb / 14P
PremiumGrade Hand Crimp Tool for Krimptite/Versakrimp Terminals and Splices, 22-10 AWG and 6.0mm² - 0.5mm²
Jun 13, 2025
More results


Similar Description - 190980017

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0640160035 MOLEX11-0640160035 Datasheet
36Kb / 1P
ServiceGrade Hand Crimp Tool
0640160036 MOLEX11-0640160036 Datasheet
37Kb / 1P
ServiceGrade Hand Crimp Tool
0640160037 MOLEX11-0640160037 Datasheet
37Kb / 1P
ServiceGrade Hand Crimp Tool - Ratchet
0640160038 MOLEX11-0640160038 Datasheet
37Kb / 1P
ServiceGrade Hand Crimp Tool - Ratchet
0640160041 MOLEX11-0640160041 Datasheet
37Kb / 1P
ServiceGrade Hand Crimp Tool - Ratchet
0640160042 MOLEX11-0640160042 Datasheet
37Kb / 1P
ServiceGrade Hand Crimp Tool - Ratchet
0640160044 MOLEX11-0640160044 Datasheet
37Kb / 1P
ServiceGrade Hand Crimp Tool - Ratchet
0640160170 MOLEX11-0640160170 Datasheet
29Kb / 1P
ServiceGrade Hand Crimp Tool for Terminals
0640160200 MOLEX11-0640160200 Datasheet
29Kb / 1P
ServiceGrade Hand Crimp Tool for Terminals
0640160201 MOLEX11-0640160201 Datasheet
29Kb / 1P
ServiceGrade Hand Crimp Tool for Terminals
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com