Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY74FCT2543T Datasheet (PDF) - Texas Instruments

CY74FCT2543T Datasheet PDF - Texas Instruments
Part # CY74FCT2543T
Download  CY74FCT2543T Download
File Size   345.18 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT LATCHED TRANSCEIVER WITH 3-STATE OUTPUTS

CY74FCT2543T Datasheet (PDF)

Go To PDF Page Download Datasheet
CY74FCT2543T Datasheet PDF - Texas Instruments

Part # CY74FCT2543T
Download  CY74FCT2543T Click to download

File Size   345.18 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT LATCHED TRANSCEIVER WITH 3-STATE OUTPUTS

CY74FCT2543T Datasheet (HTML) - Texas Instruments


CY74FCT2543T Product details

Function and Pinout Compatible With FCT
and F Logic
25- Output Series Resistors to Reduce
Transmission-Line Reflection Noise
Reduced VOH (Typically = 3.3 V) Versions
of Equivalent FCT Functions
Edge-Rate Control Circuitry for
Significantly Improved Noise
Characteristics
Ioff Supports Partial-Power-Down Mode
Operation
Matched Rise and Fall Times
Fully Compatible With TTL Input and
Output Logic Levels
12-mA Output Sink Current
15-mA Output Source Current
Separation Controls for Data Flow in Each
Direction
Back-to-Back Latches for Storage
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
3-State Outputs

description
The CY74FCT2543T octal latched transceiver contains two sets of eight D-type latches. Separate latch enable
(LEAB, LEBA) and output enable (OEAB, OEBA) inputs permit each latch set to have independent control of
inputting and outputting in either direction of data flow. For example, for data flow from A to B, the A-to-B enable
(CEAB) input must be low to enter data from A or to take data from B, as indicated in the function table. With
CEAB low, a low signal on the A-to-B latch enable (LEAB) input makes the A-to-B latches transparent; a
subsequent low-to-high transition of LEAB puts the A latches in the storage mode and their outputs no longer
change with the A inputs. With CEAB and OEAB both low, the 3-state B output buffers are active and reflect
data present at the output of the A latches. Control of data from B to A is similar, but uses CEAB, LEAB, and
OEAB inputs. On-chip termination resistors at the outputs reduce system noise caused by reflections. The
CY74FCT2543T can replace the CY74FCT543T to reduce noise in an existing design.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.




Similar Part No. - CY74FCT2543T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT2543T TI-CY74FCT2543T Datasheet
55Kb / 6P
8-Bit Latched Transceiver
CY74FCT2543TQCT TI-CY74FCT2543TQCT Datasheet
55Kb / 6P
8-Bit Latched Transceiver
CY74FCT2543TQCT TI-CY74FCT2543TQCT Datasheet
619Kb / 14P
8-BIT LATCHED TRANSCEIVER WITH 3-STATE OUTPUTS
CY74FCT2543TQSOP TI-CY74FCT2543TQSOP Datasheet
55Kb / 6P
8-Bit Latched Transceiver
CY74FCT2543TSOIC TI-CY74FCT2543TSOIC Datasheet
55Kb / 6P
8-Bit Latched Transceiver
More results


Similar Description - CY74FCT2543T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH16863 TI-SN74ALVCH16863 Datasheet
115Kb / 8P
18-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74FR16245 FAIRCHILD-74FR16245 Datasheet
54Kb / 6P
16-Bit Transceiver with 3-STATE Outputs
74FR543 FAIRCHILD-74FR543 Datasheet
48Kb / 6P
Octal Latched Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX4245 FAIRCHILD-74LVX4245 Datasheet
86Kb / 8P
8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
Texas Instruments
CY54FCT543T TI-CY54FCT543T Datasheet
316Kb / 12P
8-BIT LATCHED REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
M66312P RENESAS-M66312P Datasheet
140Kb / 9P
8-Bit LED Driver with Shift Register and Latched 3-State Outputs
logo
Texas Instruments
CY74FCT2543ATQCTE4 TI-CY74FCT2543ATQCTE4 Datasheet
619Kb / 14P
8-BIT LATCHED TRANSCEIVER WITH 3-STATE OUTPUTS
CY74FCT652T TI1-CY74FCT652T_14 Datasheet
624Kb / 16P
8-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
CY74FCT2245T TI1-CY74FCT2245T_16 Datasheet
1,016Kb / 18P
8-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com