Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM1102 Datasheet (PDF) - Infinite Electronics International, Inc.

ASM1102 Datasheet PDF - Infinite Electronics International, Inc.
Part # ASM1102
Download  ASM1102 Download
File Size   187.7 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description SMA STRAIGHT MALE CRIMP FOR RG316/LMR100

ASM1102 Datasheet (PDF)

Go To PDF Page Download Datasheet
ASM1102 Datasheet PDF - Infinite Electronics International, Inc.

Part # ASM1102
Download  ASM1102 Click to download

File Size   187.7 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description SMA STRAIGHT MALE CRIMP FOR RG316/LMR100

ASM1102 Datasheet (HTML) - Infinite Electronics International, Inc.


ASM1102 Product details

ELECTRICAL:
IMPEDENCE: 50 OHMS
WITHSTANDING VOLTAGE: 1000V
FREQUENCY RANGE: 0~6GHz
VSWR: < 1.50@0~6GHz
DURABILITY: >500 CYCLE
CABLE RETENTIOIN: >30 POUNDS

MISCELLANEOUS:
COMPONENTS SHALL BE INDIVIDUALLY PACK




Similar Part No. - ASM1102

ManufacturerPart #DatasheetDescription
logo
ASMedia Technology Inc
ASM1142 ASMEDIA-ASM1142 Datasheet
429Kb / 2P
Bridge PCI Express to USB 3.1
More results


Similar Description - ASM1102

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4009 PASTERNACK-PE4009 Datasheet
284Kb / 3P
SMA Male Right Angle Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4003 PASTERNACK-PE4003 Datasheet
245Kb / 2P
SMA MALE Connector Crimp/Solder Attachment For RG174,RG316,RG188
PE44188 PASTERNACK-PE44188 Datasheet
221Kb / 3P
RT SMA Male Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4401 PASTERNACK-PE4401 Datasheet
263Kb / 3P
SMA Male Connector Crimp - Solder Attachment For RG188-DS, RG316-DS
PE4408 PASTERNACK-PE4408 Datasheet
285Kb / 3P
SMA Male Right Angle Connector Crimp - Solder Attachment For RG188-DS, RG316-DS
PE44184 PASTERNACK-PE44184 Datasheet
221Kb / 3P
RT SMA Male Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE4589 PASTERNACK-PE4589 Datasheet
353Kb / 3P
SMA Male Connector Crimp - Solder (Captive Contact) Attachment for RG174, RG316, RG188
PE4771 PASTERNACK-PE4771 Datasheet
213Kb / 2P
RP SMA Male Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE45165 PASTERNACK-PE45165 Datasheet
356Kb / 3P
Reverse Thread SMA Male Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45145 PASTERNACK-PE45145 Datasheet
350Kb / 3P
SMA Male Connector Crimp/Solder Attachment for RG174, RG316, RG188 Gold Plated
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com