Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM1504 Datasheet (PDF) - Infinite Electronics International, Inc.

ASM1504 Datasheet PDF - Infinite Electronics International, Inc.
Part # ASM1504
Download  ASM1504 Download
File Size   56.0 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description CON,SMA MALE CRIMP LMR240

ASM1504 Datasheet (PDF)

Go To PDF Page Download Datasheet
ASM1504 Datasheet PDF - Infinite Electronics International, Inc.

Part # ASM1504
Download  ASM1504 Click to download

File Size   56.0 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description CON,SMA MALE CRIMP LMR240

ASM1504 Datasheet (HTML) - Infinite Electronics International, Inc.


ASM1504 Product details

ELECTRICAL:
IMPEDANCE: 50 OHMS
WITHSTAND VOLTAGE: 1000V
FREQUENCY RANGE: 0~6 GHz
VSWR: <1.50 @ 0~6 GHz
DURABILITY: > 500 CYCLE
CABLE RETENTION: > 40 POUNDS

MISCELLANEOUS:
CENTER PIN CAN ALSO BE SOLDERED

COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATIONS PS-0031.

ALL DIMENSIONS ARE FOR REFERENCE ONLY.




Similar Part No. - ASM1504

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASM150 ASTRODYNE-ASM150 Datasheet
502Kb / 4P
150W 2??x 4??Medical Grade Open Frame Switching Power Supplies
ASM150-12 ASTRODYNE-ASM150-12 Datasheet
502Kb / 4P
150W 2??x 4??Medical Grade Open Frame Switching Power Supplies
ASM150-12 ASTRODYNE-ASM150-12 Datasheet
508Kb / 4P
150W 2 x 4 Medical Grade Open Frame Switching Power Supplies
ASM150-24 ASTRODYNE-ASM150-24 Datasheet
502Kb / 4P
150W 2??x 4??Medical Grade Open Frame Switching Power Supplies
ASM150-24 ASTRODYNE-ASM150-24 Datasheet
508Kb / 4P
150W 2 x 4 Medical Grade Open Frame Switching Power Supplies
More results


Similar Description - ASM1504

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
384586 ERNI-384586 Datasheet
48Kb / 1P
Male Con. C32 solder
384600 ERNI-384600 Datasheet
51Kb / 1P
Male Con. C48 solder
354867 ERNI-354867 Datasheet
49Kb / 1P
Male con. D32 solder
354871 ERNI-354871 Datasheet
53Kb / 1P
Male Con. E48 Solder
100600760003 ERNI-100600760003 Datasheet
58Kb / 1P
Male con. D32 solder
100700760003 ERNI-100700760003 Datasheet
68Kb / 1P
Male Con. E48 Solder
logo
Adam Technologies, Inc.
RF2-02-T-21-50-G ADAM-TECH-RF2-02-T-21-50-G Datasheet
66Kb / 1P
SMA MALE CRIMP TYPE
RF2-14-T-08-50-G ADAM-TECH-RF2-14-T-08-50-G Datasheet
969Kb / 1P
SMA MALE CRIMP
RF2-57-T-02-50-G ADAM-TECH-RF2-57-T-02-50-G Datasheet
69Kb / 1P
SMA MALE BULKHEAD CRIMP
logo
Pasternack Enterprises,...
PE4003 PASTERNACK-PE4003_16 Datasheet
361Kb / 3P
SMA Male Connector Crimp/Crimp Attachment
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com