Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM1714 Datasheet (PDF) - Infinite Electronics International, Inc.

ASM1714 Datasheet PDF - Infinite Electronics International, Inc.
Part # ASM1714
Download  ASM1714 Download
File Size   49.41 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description CON, SHROUDED SMA MALE R/ANGLE

ASM1714 Datasheet (PDF)

Go To PDF Page Download Datasheet
ASM1714 Datasheet PDF - Infinite Electronics International, Inc.

Part # ASM1714
Download  ASM1714 Click to download

File Size   49.41 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description CON, SHROUDED SMA MALE R/ANGLE

ASM1714 Datasheet (HTML) - Infinite Electronics International, Inc.


ASM1714 Product details

ELECTRICAL:
IMPEDANCE: 50 OHMS
WITHSTAND VOLTAGE: 2500V
FREQUENCY RANGE: 0~6 GHz
VSWR: 1.3 MAX.
DURABILITY: > 500 CYCLE
CABLE RETENTION: > 40 POUNDS

MISCELLANEOUS
APPLICATIONS: LMR195, RG58.

COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATIONS PS-0031.

ALL DIMENSIONS ARE FOR REFERENCE ONLY.




Similar Part No. - ASM1714

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ASM1710 L-COM-ASM1710 Datasheet
46Kb / 1P
CON,SMA PLUG R/A LMR195, RG58
10/4/10
More results


Similar Description - ASM1714

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
374003 ERNI-374003 Datasheet
46Kb / 1P
Male Con. R/3, 30 Solder
374856 ERNI-374856 Datasheet
46Kb / 1P
Male Con. R/3, 30 Solder
384586 ERNI-384586 Datasheet
48Kb / 1P
Male Con. C32 solder
logo
Pasternack Enterprises,...
PE35422 PASTERNACK-PE35422 Datasheet
229Kb / 3P
SMA Male Right Angle to SMA Male Right Angle
logo
Amphenol Corporation
7029-3379-3380 AMPHENOL-7029-3379-3380 Datasheet
90Kb / 1P
SMA R/A MALE TO SMA R/A MALE 횠.047 CABLE ASSEMBLY
7029-3381-3382 AMPHENOL-7029-3381-3382 Datasheet
89Kb / 1P
SMA R/A MALE TO SMA R/A MALE 횠.047 CABLE ASSEMBLY
logo
Amphenol SV Microwave
7029-3823-3824 SVMICROWAVE-7029-3823-3824 Datasheet
89Kb / 1P
SMA R/A MALE TO SMA R/A MALE Ø.047 CABLE ASSEMBLY
08/18/22
7029-3825-3826 SVMICROWAVE-7029-3825-3826 Datasheet
89Kb / 1P
SMA R/A MALE TO SMA R/A MALE T-FLEX 405 CABLE ASSEMBLY
08/18/22
7029-3379-3380 SVMICROWAVE-7029-3379-3380 Datasheet
90Kb / 1P
SMA R/A MALE TO SMA R/A MALE Ø.047 CABLE ASSEMBLY
01/20
7029-3381-3382 SVMICROWAVE-7029-3381-3382 Datasheet
89Kb / 1P
SMA R/A MALE TO SMA R/A MALE T-FLEX 405 CABLE ASSEMBLY
01/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com