Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY74FCT823T Datasheet (PDF) - Texas Instruments

CY74FCT823T Datasheet PDF - Texas Instruments
Part # CY74FCT823T
Download  CY74FCT823T Download
File Size   343.53 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 9-BIT BUS-INTERFACE REGISTER WITH 3-STATE OUTPUTS

CY74FCT823T Datasheet (PDF)

Go To PDF Page Download Datasheet
CY74FCT823T Datasheet PDF - Texas Instruments

Part # CY74FCT823T
Download  CY74FCT823T Click to download

File Size   343.53 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 9-BIT BUS-INTERFACE REGISTER WITH 3-STATE OUTPUTS

CY74FCT823T Datasheet (HTML) - Texas Instruments


CY74FCT823T Product details

Function, Pinout, and Drive Compatible
With FCT, F Logic, and AM29823
Reduced VOH (Typically = 3.3 V) Version of
Equivalent FCT Functions
Edge-Rate Control Circuitry for
Significantly Improved Noise
Characteristics
Ioff Supports Partial-Power-Down Mode
Operation
Matched Rise and Fall Times
Fully Compatible With TTL Input and
Output Logic Levels
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
64-mA Output Sink Current
32-mA Output Source Current
High-Speed Parallel Register With
Positive-Edge-Triggered D-Type Flip-Flops
Buffered Common Clock-Enable (EN) and
Asynchronous-Clear (CLR) Inputs
3-State Outputs

description
This bus-interface register is designed to eliminate the extra packages required to buffer existing registers and
provide extra data width for wider address/data paths or buses carrying parity. The CY74FCT823T is a
9-bit-wide buffered register with clock-enable (EN) and clear (CLR) inputs that are ideal for parity bus interfacing
in high-performance microprogrammed systems. It is ideal for use as an output port requiring high IOL/IOH.
This device is designed for high-capacitance load drive capability, while providing low-capacitance bus loading
at both inputs and outputs. Outputs are designed for low-capacitance bus loading in the high-impedance state.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.




Similar Part No. - CY74FCT823T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT823T TI-CY74FCT823T Datasheet
86Kb / 10P
8-/9-/10-Bit Bus Interface Registers
CY74FCT823T TI1-CY74FCT823T Datasheet
886Kb / 15P
9-BIT BUS-INTERFACE REGISTER WITH 3-STATE OUTPUTS
CY74FCT823TDIP TI-CY74FCT823TDIP Datasheet
86Kb / 10P
8-/9-/10-Bit Bus Interface Registers
CY74FCT823TQSOP TI-CY74FCT823TQSOP Datasheet
86Kb / 10P
8-/9-/10-Bit Bus Interface Registers
CY74FCT823TSOIC TI-CY74FCT823TSOIC Datasheet
86Kb / 10P
8-/9-/10-Bit Bus Interface Registers
More results


Similar Description - CY74FCT823T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT823 TI-SN54ABT823 Datasheet
109Kb / 7P
9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS29823 TI-SN54ALS29823 Datasheet
110Kb / 7P
9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS823A TI-SN54AS823A Datasheet
112Kb / 7P
9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
CY74FCT821T TI1-CY74FCT821T_16 Datasheet
811Kb / 14P
10-BIT BUS-INTERFACE REGISTER WITH 3-STATE OUTPUTS
CY74FCT823T TI1-CY74FCT823T_14 Datasheet
886Kb / 15P
9-BIT BUS-INTERFACE REGISTER WITH 3-STATE OUTPUTS
CY74FCT825T TI1-CY74FCT825T_14 Datasheet
813Kb / 14P
8-BIT BUS-INTERFACE REGISTER WITH 3-STATE OUTPUTS
SN54ABT823 TI1-SN54ABT823_15 Datasheet
664Kb / 18P
9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74BCT29823 TI1-SN74BCT29823_11 Datasheet
204Kb / 8P
9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN54ALS29823 TI1-SN54ALS29823_15 Datasheet
243Kb / 11P
9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS823A TI1-SN54AS823A_15 Datasheet
273Kb / 12P
9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com