Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY74FCT825T Datasheet (PDF) - Texas Instruments

CY74FCT825T Datasheet PDF - Texas Instruments
Part # CY74FCT825T
Download  CY74FCT825T Download
File Size   339.06 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT BUS-INTERFACE REGISTER WITH 3-STATE OUTPUTS

CY74FCT825T Datasheet (PDF)

Go To PDF Page Download Datasheet
CY74FCT825T Datasheet PDF - Texas Instruments

Part # CY74FCT825T
Download  CY74FCT825T Click to download

File Size   339.06 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-BIT BUS-INTERFACE REGISTER WITH 3-STATE OUTPUTS

CY74FCT825T Datasheet (HTML) - Texas Instruments


CY74FCT825T Product details

Function, Pinout, and Drive Compatible
With FCT, F Logic, and AM29825
Reduced VOH (Typically = 3.3 V) Version of
Equivalent FCT Functions
Edge-Rate Control Circuitry for
Significantly Improved Noise
Characteristics
Ioff Supports Partial-Power-Down Mode
Operation
Matched Rise and Fall Times
Fully Compatible With TTL Input and
Output Logic Levels
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
64-mA Output Sink Current
32-mA Output Source Current
High-Speed Parallel Register With
Positive-Edge-Triggered D-Type Flip-Flops
Buffered Common Clock-Enable (EN) and
Asynchronous-Clear (CLR) Inputs
3-State Outputs

description
This bus-interface register is designed to eliminate the extra packages required to buffer existing registers and
provide extra data width for wider address/data paths or buses carrying parity. The CY74FCT825T is an 8-bit
buffered register with all the CY74FCT823T controls, plus multiple enables (OE1, OE2, OE3) to allow multiuser
control of the interface, e.g., CS, DMA, and RD/WR. This device is ideal for use as an output port requiring high
IOL/IOH.
This device is designed for high-capacitance load drive capability, while providing low-capacitance bus loading
at both inputs and outputs. Outputs are designed for low-capacitance bus loading in the high-impedance state.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.




Similar Part No. - CY74FCT825T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT825T TI-CY74FCT825T Datasheet
86Kb / 10P
8-/9-/10-Bit Bus Interface Registers
CY74FCT825T TI1-CY74FCT825T Datasheet
813Kb / 14P
8-BIT BUS-INTERFACE REGISTER WITH 3-STATE OUTPUTS
CY74FCT825TDIP TI-CY74FCT825TDIP Datasheet
86Kb / 10P
8-/9-/10-Bit Bus Interface Registers
CY74FCT825TQSOP TI-CY74FCT825TQSOP Datasheet
86Kb / 10P
8-/9-/10-Bit Bus Interface Registers
CY74FCT825TSOIC TI-CY74FCT825TSOIC Datasheet
86Kb / 10P
8-/9-/10-Bit Bus Interface Registers
More results


Similar Description - CY74FCT825T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AS825A TI-SN54AS825A Datasheet
106Kb / 7P
8-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
logo
Synaptics Incorporated.
CY74FCT2374T CONEXANT-CY74FCT2374T Datasheet
317Kb / 15P
8-BIT REGISTER WITH 3-STATE OUTPUTS
logo
Texas Instruments
CY74FCT2574T TI1-CY74FCT2574T Datasheet
653Kb / 15P
8-BIT REGISTER WITH 3-STATE OUTPUTS
SN74ALS29825 TI1-SN74ALS29825 Datasheet
70Kb / 9P
8-BIT BUS INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74BCT29825 TI1-SN74BCT29825 Datasheet
104Kb / 7P
8-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74BCT29826 TI1-SN74BCT29826 Datasheet
112Kb / 7P
8-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
CY74FCT821T TI1-CY74FCT821T_16 Datasheet
811Kb / 14P
10-BIT BUS-INTERFACE REGISTER WITH 3-STATE OUTPUTS
CY74FCT823T TI1-CY74FCT823T_14 Datasheet
886Kb / 15P
9-BIT BUS-INTERFACE REGISTER WITH 3-STATE OUTPUTS
CY74FCT825T TI1-CY74FCT825T_14 Datasheet
813Kb / 14P
8-BIT BUS-INTERFACE REGISTER WITH 3-STATE OUTPUTS
SN54AS825A TI1-SN54AS825A_15 Datasheet
179Kb / 10P
8-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com