Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY74FCT827T Datasheet (PDF) - Texas Instruments

CY74FCT827T Datasheet PDF - Texas Instruments
Part # CY74FCT827T
Download  CY74FCT827T Download
File Size   237.08 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-BIT BUFFERS WITH 3-STATE OUTPUTS

CY74FCT827T Datasheet (PDF)

Go To PDF Page Download Datasheet
CY74FCT827T Datasheet PDF - Texas Instruments

Part # CY74FCT827T
Download  CY74FCT827T Click to download

File Size   237.08 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-BIT BUFFERS WITH 3-STATE OUTPUTS

CY74FCT827T Datasheet (HTML) - Texas Instruments


CY74FCT827T Product details

Function, Pinout, and Drive Compatible
With FCT, F, and AM29827 Logic
Reduced VOH (Typically = 3.3 V) Versions
of Equivalent FCT Functions
Edge-Rate Control Circuitry for
Significantly Improved Noise
Characteristics
Ioff Supports Partial-Power-Down Mode
Operation
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
3-State Outputs
Matched Rise and Fall Times
Fully Compatible With TTL Input and
Output Logic Levels
CY54FCT827T
– 32-mA Output Sink Current
– 12-mA Output Source Current
CY74FCT827T
– 64-mA Output Sink Current
– 32-mA Output Source Current

description
The ’FCT827T devices are 10-bit bus drivers that
provide high-performance bus-interface buffering
for wide data/address paths or buses carrying
parity. The 10-bit buffers have NANDed output
enables for maximum control flexibility. The
’FCT827T devices are designed for
high-capacitance-load drive capability, while
providing low-capacitance bus loading at both
inputs and outputs. All outputs are designed for
low-capacitance bus loading in the
high-impedance state.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.




Similar Part No. - CY74FCT827T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT827T TI-CY74FCT827T Datasheet
66Kb / 7P
10-Bit Buffer
CY74FCT827TLCC TI-CY74FCT827TLCC Datasheet
66Kb / 7P
10-Bit Buffer
CY74FCT827TPLCC TI-CY74FCT827TPLCC Datasheet
66Kb / 7P
10-Bit Buffer
CY74FCT827TQSOP TI-CY74FCT827TQSOP Datasheet
66Kb / 7P
10-Bit Buffer
CY74FCT827TSOIC TI-CY74FCT827TSOIC Datasheet
66Kb / 7P
10-Bit Buffer
More results


Similar Description - CY74FCT827T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT2827 TI-SN54ABT2827 Datasheet
104Kb / 6P
10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT827 TI-SN54ABT827 Datasheet
399Kb / 16P
10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54BCT29827B TI-SN54BCT29827B Datasheet
251Kb / 9P
10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
54ACT11828 TI-54ACT11828 Datasheet
78Kb / 5P
10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
54ACT11827 TI-54ACT11827 Datasheet
87Kb / 5P
10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
SN74BCT29828B TI1-SN74BCT29828B Datasheet
78Kb / 4P
10-BIT BUFFERS /DRIVERS WITH 3-STATE OUTPUTS
CY74FCT827ATSOCTE4 TI1-CY74FCT827ATSOCTE4 Datasheet
289Kb / 11P
10-BIT BUFFERS WITH 3-STATE OUTPUTS
54ACT11827 TI1-54ACT11827_09 Datasheet
100Kb / 5P
10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
SN54ABT827 TI1-SN54ABT827_16 Datasheet
896Kb / 17P
10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2827 TI1-SN54ABT2827_15 Datasheet
526Kb / 12P
10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com