Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC716 Datasheet (PDF) - Texas Instruments

DAC716 Datasheet PDF - Texas Instruments
Part # DAC716
Download  DAC716 Download
File Size   254.17 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface

DAC716 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC716 Datasheet PDF - Texas Instruments

Part # DAC716
Download  DAC716 Click to download

File Size   254.17 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface

DAC716 Datasheet (HTML) - Texas Instruments


DAC716 Product details

FEATURES:
SERIAL DIGITAL INTERFACE
VOLTAGE OUTPUT: 0 to +10V
±2 LSB INTEGRAL LINEARITY
PRECISION INTERNAL REFERENCE
LOW NOISE: 120nV/ÖHz Including Reference
16-LEAD PLASTIC SKINNY DIP AND PLASTIC
SOIC PACKAGES

DESCRIPTION
The DAC716 is a complete monolithic D/A converter
including a +10V temperature compensated voltage
reference, current-to-voltage amplifier, a high-speed
synchronous serial interface, a serial output which
allows cascading multiple converters, and an asynchronous
clear function which immediately sets the
output voltage to zero.
The output voltage range is 0 to +10V while operating
from ±12V to ±15V supplies, and the gain and bipolar
offset adjustments are designed so that they can be set
via external potentiometers or external D/A converters.
The output amplifier is protected against shortcircuiting
to ground.
The 16-pin DAC716 is available in a plastic 0.3" DIP
and a wide-body plastic SOIC package. The DAC716P,
U, PB, and UB are specified over the –40°C to +85°C
range while the DAC716UK and PK are specified
over the 0°C to +70°C range.




Similar Part No. - DAC716

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC716 BURR-BROWN-DAC716 Datasheet
201Kb / 13P
16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Texas Instruments
DAC716 TI1-DAC716 Datasheet
176Kb / 16P
16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Burr-Brown (TI)
DAC716P BURR-BROWN-DAC716P Datasheet
201Kb / 13P
16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Texas Instruments
DAC716P TI1-DAC716P Datasheet
176Kb / 16P
16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Burr-Brown (TI)
DAC716PB BURR-BROWN-DAC716PB Datasheet
201Kb / 13P
16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
More results


Similar Description - DAC716

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC4814 BURR-BROWN-DAC4814 Datasheet
235Kb / 12P
Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC712 BURR-BROWN-DAC712 Datasheet
302Kb / 12P
16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
DAC714 BURR-BROWN-DAC714 Datasheet
127Kb / 14P
16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
DAC715 BURR-BROWN-DAC715 Datasheet
288Kb / 11P
16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC716 BURR-BROWN-DAC716 Datasheet
201Kb / 13P
16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
PCM2702 BURR-BROWN-PCM2702 Datasheet
117Kb / 11P
16-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface
logo
Texas Instruments
DAC712 TI1-DAC712 Datasheet
434Kb / 23P
16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC714 TI1-DAC714 Datasheet
779Kb / 22P
16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
DAC715 TI1-DAC715 Datasheet
230Kb / 14P
16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC716 TI1-DAC716 Datasheet
176Kb / 16P
16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com