Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7611 Datasheet (PDF) - Texas Instruments

DAC7611 Datasheet PDF - Texas Instruments
Part # DAC7611
Download  DAC7611 Download
File Size   273.11 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER

DAC7611 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC7611 Datasheet PDF - Texas Instruments

Part # DAC7611
Download  DAC7611 Click to download

File Size   273.11 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER

DAC7611 Datasheet (HTML) - Texas Instruments


DAC7611 Product details

FEATURES
LOW POWER: 2.5mW
FAST SETTLING: 7ms to 1 LSB
1mV LSB WITH 4.095V FULL-SCALE
RANGE
COMPLETE WITH REFERENCE
12-BIT LINEARITY AND MONOTONICITY
OVER INDUSTRIAL TEMP RANGE
ASYNCHRONOUS RESET TO 0V
3-WIRE INTERFACE: Up to 20MHz Clock
ALTERNATE SOURCE TO DAC8512

APPLICATIONS
PROCESS CONTROL
DATA ACQUISITION SYSTEMS
CLOSED-LOOP SERVO-CONTROL
PC PERIPHERALS
PORTABLE INSTRUMENTATION

DESCRIPTION
The DAC7611 is a 12-bit digital-to-analog converter
(DAC) with guaranteed 12-bit monotonicity performance
over the industrial temperature range. It requires
a single +5V supply and contains an input shift
register, latch, 2.435V reference, DAC, and high speed
rail-to-rail output amplifier. For a full-scale step, the
output will settle to 1 LSB within 7ms. The device
consumes 2.5mW (0.5mA at 5V).
The synchronous serial interface is compatible with a
wide variety of DSPs and microcontrollers. Clock
(CLK), serial data in (SDI), and load strobe (LD)
comprise the serial interface. In addition, two control
pins provide a chip select (CS) function and an asynchronous
clear (CLR) input. The CLR input can be
used to ensure that the DAC7611 output is 0V on
power-up or as required by the application.
The DAC7611 is available in an 8-lead SOIC or 8-pin
plastic DIP package and is fully specified over the
industrial temperature range of –40°C to +85°C.




Similar Part No. - DAC7611

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7611 BURR-BROWN-DAC7611 Datasheet
182Kb / 12P
12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7611P BURR-BROWN-DAC7611P Datasheet
182Kb / 12P
12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7611P TI-DAC7611P Datasheet
321Kb / 17P
12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7611PB BURR-BROWN-DAC7611PB Datasheet
182Kb / 12P
12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7611PB TI-DAC7611PB Datasheet
321Kb / 17P
12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - DAC7611

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7611 BURR-BROWN-DAC7611 Datasheet
182Kb / 12P
12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7612 BURR-BROWN-DAC7612 Datasheet
126Kb / 12P
Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8043 BURR-BROWN-DAC8043 Datasheet
104Kb / 7P
CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
logo
Analog Devices
DAC8043 AD-DAC8043 Datasheet
316Kb / 16P
12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
logo
Texas Instruments
DAC7611PBG4 TI-DAC7611PBG4 Datasheet
321Kb / 17P
12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8043UG4 TI-DAC8043UG4 Datasheet
264Kb / 11P
CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
DAC7612U2K5 TI1-DAC7612U2K5 Datasheet
322Kb / 16P
Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7612U2K5G4 TI1-DAC7612U2K5G4 Datasheet
322Kb / 16P
Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com