Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC811 Datasheet (PDF) - Texas Instruments

DAC811 Datasheet PDF - Texas Instruments
Part # DAC811
Download  DAC811 Download
File Size   186.75 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER

DAC811 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC811 Datasheet PDF - Texas Instruments

Part # DAC811
Download  DAC811 Click to download

File Size   186.75 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER

DAC811 Datasheet (HTML) - Texas Instruments


DAC811 Product details

FEATURES
SINGLE INTEGRATED CIRCUIT CHIP
MICROCOMPUTER INTERFACE:
Double-Buffered Latch
VOLTAGE OUTPUT: ±10V, ±5V, +10V
MONOTONICITY GUARANTEED OVER
TEMPERATURE
±1/2LSB MAXIMUM NONLINEARITY OVER
TEMPERATURE
GUARANTEED SPECIFICATIONS AT ±12V
AND ±15V SUPPLIES
TTL/5V CMOS-COMPATIBLE LOGIC
INPUTS

DESCRIPTION
The DAC811 is a complete, single-chip integratedcircuit,
microprocessor-compatible, 12-bit digital-toanalog
converter. The chip combines a precision voltage
reference, microcomputer interface logic, and
double-buffered latch, in a 12-bit D/A converter with
a voltage output amplifier. Fast current switches and a
laser-trimmed thin-film resistor network provide a
highly accurate and fast D/A converter.
Microcomputer interfacing is facilitated by a doublebuffered
latch. The input latch is divided into three
4-bit nibbles to permit interfacing to 4-, 8-, 12-, or
16-bit buses and to handle right-or left-justified data.
The 12-bit data in the input latches is transferred to the
D/A latch to hold the output value.
Input gating logic is designed so that loading the last
nibble or byte of data can be accomplished simultaneously
with the transfer of data (previously stored in
adjacent latches) from adjacent input latches to the
D/A latch. This feature avoids spurious analog output
values while using an interface technique that saves
computer instructions.
The DAC811 is laser trimmed at the wafer level and
is specified to ±1/4LSB maximum linearity error (B
and K grades) at 25°C and ±1/2LSB maximum over
the temperature range. All grades are guaranteed monotonic
over the specification temperature range.
The DAC811 is available in six performance grades
and three package types. DAC811J and K are specified
over the temperature ranges of 0°C to +70°C;
DAC811A and B are specified over –25°C to +85°C;
DAC811J and K are packaged in a reliable 28-pin
plastic DIP or plastic SO package, while DAC811A
and B are available in a 28-pin 0.6" wide dual-inline
hermetically sealed ceramic side-brazed package (H
package).




Similar Part No. - DAC811

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC811 BURR-BROWN-DAC811 Datasheet
96Kb / 9P
Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC811 TI1-DAC811 Datasheet
273Kb / 14P
Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC811AH BURR-BROWN-DAC811AH Datasheet
96Kb / 9P
Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC811AH TI1-DAC811AH Datasheet
273Kb / 14P
Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC811BH BURR-BROWN-DAC811BH Datasheet
96Kb / 9P
Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - DAC811

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC811 BURR-BROWN-DAC811 Datasheet
96Kb / 9P
Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC813 BURR-BROWN-DAC813 Datasheet
298Kb / 11P
Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC1201KP-V TI-DAC1201KP-V Datasheet
314Kb / 7P
MONOLITHIC MICROPROCESSOR-COMPATIBLE 12 BIT RESOLUTIION DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC667 BURR-BROWN-DAC667 Datasheet
159Kb / 9P
Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC811 TI1-DAC811 Datasheet
273Kb / 14P
Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC813 TI1-DAC813 Datasheet
548Kb / 16P
Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC1201 TI1-DAC1201 Datasheet
322Kb / 6P
Monolithic Microprocessor-Compatible 12-Bit Resolution DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC7545 TI1-DAC7545_16 Datasheet
612Kb / 13P
CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com