Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7731E Datasheet (PDF) - Texas Instruments

DAC7731E Datasheet PDF - Texas Instruments
Part # DAC7731E
Download  DAC7731E Download
File Size   499.29 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER

DAC7731E Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC7731E Datasheet PDF - Texas Instruments

Part # DAC7731E
Download  DAC7731E Click to download

File Size   499.29 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER

DAC7731E Datasheet (HTML) - Texas Instruments


DAC7731E Product details

FEATURES
LOW POWER: 150mW MAXIMUM
+10V INTERNAL REFERENCE
UNIPOLAR OR BIPOLAR OPERATION
SETTLING TIME: 5μs to ±0.003% FSR
16-BIT MONOTONICITY, –40°C TO +85°C
±10V, ±5V, OR +10V CONFIGURABLE VOLTAGE
OUTPUT
RESET TO ZERO OR MID-SCALE
DOUBLE-BUFFERED DATA INPUT
DAISY-CHAIN FEATURE FOR MULTIPLE
DAC7731s ON A SINGLE BUS
SMALL SSOP-24 PACKAGE

APPLICATIONS
PROCESS CONTROL
ATE PIN ELECTRONICS
CLOSED-LOOP SERVO CONTROL
MOTOR CONTROL
DATA ACQUISITION SYSTEMS

DESCRIPTION
The DAC7731 is a 16-bit Digital-to-Analog Converter (DAC)
which provides 16 bits of monotonic performance over the
specified operating temperature range and offers a +10V
internal reference. Designed for automatic test equipment
and industrial process control applications, the DAC7731
output swing can be configured in a ±10V, ±5V, or +10V
range. The flexibility of the output configuration allows the
DAC7731 to provide both unipolar and bipolar operation by
pin strapping. The DAC7731 includes a high-speed output
amplifier with a maximum settling time of 5μs to ±0.003%
FSR for a 20V full-scale change and only consumes 100mW
(typical) of power.
The DAC7731 features a standard 3-wire, SPI-compatible
serial interface with double buffering to allow asynchronous
updates of the analog output as well as a serial data output
line for daisy-chaining multiple DAC7731s. A user programmable
reset control forces the DAC output to either min-scale
(0000h) or mid-scale (8000h), overriding both the input and
DAC register values. The DAC7731 is available in a
SSOP-24 package and three performance grades specified
to operate from –40°C to +85°C.




Similar Part No. - DAC7731E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7731E BURR-BROWN-DAC7731E Datasheet
360Kb / 17P
16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7731E TI1-DAC7731E Datasheet
723Kb / 22P
16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7731E/1K TI1-DAC7731E/1K Datasheet
723Kb / 22P
16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7731E1K BURR-BROWN-DAC7731E1K Datasheet
360Kb / 17P
16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7731E1K TI1-DAC7731E1K Datasheet
723Kb / 22P
16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - DAC7731E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7734 BURR-BROWN-DAC7734 Datasheet
1Mb / 24P
16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
PCM56P BURR-BROWN-PCM56P Datasheet
94Kb / 9P
Serial Input 16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTER
DAC7731 BURR-BROWN-DAC7731 Datasheet
360Kb / 17P
16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7631 BURR-BROWN-DAC7631 Datasheet
428Kb / 18P
Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC7731 TI1-DAC7731_14 Datasheet
723Kb / 22P
16-Bit, Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7734 TI1-DAC7734_14 Datasheet
1Mb / 31P
16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7631 TI1-DAC7631_09 Datasheet
606Kb / 22P
Serial Input, 16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com