Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV201R Datasheet (PDF) - Infinite Electronics International, Inc.

AV201R Datasheet PDF - Infinite Electronics International, Inc.
Part # AV201R
Download  AV201R Download
File Size   823.45 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description ADDERLink AV102T

AV201R Datasheet (PDF)

Go To PDF Page Download Datasheet
AV201R Datasheet PDF - Infinite Electronics International, Inc.

Part # AV201R
Download  AV201R Click to download

File Size   823.45 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description ADDERLink AV102T

AV201R Datasheet (HTML) - Infinite Electronics International, Inc.


AV201R Product details

FEATURES
Resolutions and cable lengths
Typical resolutions achievable include:
720p: 1280 x 720 x 60Hz at 300m.
1080p:1920 x 1200 x 60Hz at 100m.
Audio
CD quality stereo audio is supported.
EDID display information
The module contains a default set of
EDID information that supports display
resolutions up to 1920x1080 @ 60Hz.
In addition, the module will check during
power up whether alternative EDID
information is available from the KVM
switch or extender that is connected to
port A. If required, you can also harvest
and store new EDID information from
your display (Read and Store).
Power
The ALAV102T uses a USB port to
derive its power from the host computer,
dispensing with the need for a separate
power supply, thus simplifying installation.
The USB cable must always be connected
to a USB port on the computer that is
capable of providing up to 300mA.
Small footprint
The ALAV102T has been designed to
use minimal space around your host
systems, allowing you to neatly locate the
transmitter. moulded cables also reduce
cable clutter, keeping the device easily
accesable at all times.
RS232 for disabling/re-enabling receiver
connections
Using the onboard RS232 interface,
individual transmission paths can be
disconnected allowing remote screens to
sleep, and wake on re-connection. This
saves power and screen hours in use.
Using a KVM over IP device such as the
AVX5016, you can directly control up
to 32 individual transmission paths from
anywhere in the world.
AV-KVM Port
ALAV102T is the first ADDERLink
transmitter to feature AV-KVM ports.
These ports allow you to connect directly
to a KVM extender. This allows you to add
additional devices such as touch screens
and keyboards.




Similar Part No. - AV201R

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AV201R L-COM-AV201R Datasheet
348Kb / 2P
ADDERLink AV200 Series
AV201R L-COM-AV201R Datasheet
348Kb / 2P
ADDERLink AV200 Series
AV201R L-COM-AV201R Datasheet
348Kb / 2P
ADDERLink AV200 Series
AV201R L-COM-AV201R Datasheet
348Kb / 2P
ADDERLink AV200 Series
AV201R-US L-COM-AV201R-US Datasheet
348Kb / 2P
High density, small form factor audio, video and RS232 distribution
More results





Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com