Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDC101U Datasheet (PDF) - Texas Instruments

DDC101U Datasheet PDF - Texas Instruments
Part # DDC101U
Download  DDC101U Download
File Size   345.54 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 20-BIT ANALOG-TO-DIGITAL CONVERTER

DDC101U Datasheet (PDF)

Go To PDF Page Download Datasheet
DDC101U Datasheet PDF - Texas Instruments

Part # DDC101U
Download  DDC101U Click to download

File Size   345.54 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 20-BIT ANALOG-TO-DIGITAL CONVERTER

DDC101U Datasheet (HTML) - Texas Instruments


DDC101U Product details

FEATURES
MONOLITHIC CHARGE INPUT ADC
DIGITAL FILTER NOISE REDUCTION:
0.9ppm, rms
DIGITAL ERROR CORRECTION: CDS
CONVERSION RATE: Up to 15kHz
USER FRIENDLY EVALUATION FIXTURE

APPLICATIONS
DIRECT PHOTOSENSOR DIGITIZATION
PRECISION INSTRUMENTATION
INFRARED PYROMETRY
PRECISION PROCESS CONTROL
CT SCANNER DAS
CHEMICAL ANALYZERS

DESCRIPTION
The DDC101 is a precision, wide dynamic range, charge
digitizing A/D converter with 20-bit resolution. Low
level current output devices, such as photosensors, can be
directly connected to its input. The most stringent accuracy
requirements of many unipolar output sensor applications
occur at low signal levels. To meet this requirement,
Burr-Brown developed the adaptive delta modulation
architecture of the DDC101 to provide linearly
improving noise and linearity errors as the input signal
level decreases. The DDC101 combines the functions of
current-to-voltage conversion, integration, input programmable
gain amplification, A/D conversion, and digital
filtering to produce precision, wide dynamic range results.
The input signal can be a low level current connected
directly into the unit or a voltage connected
through a user selected resistor. Although the DDC101 is
optimized for unipolar signals, it can also accurately
digitize bipolar input signals. The patented delta modulation
modulation
topology combines charge integration and digitization
functions. Oversampling and digital filtering reduce
system noise dramatically. Correlated Double Sampling
(CDS) captures and eliminates steady state and conversion
cycle dependent offset and switching errors that are
not eliminated with conventional analog circuits.
The DDC101 block diagram is shown below. During
conversion, the input signal is collected on the internal
integration capacitance for a user determined integration
period. A high precision, autozeroed comparator samples
the analog input node. Tracking logic updates the internal
high resolution D/A converter at a 2MHz rate to maintain
the analog input at virtual ground. A user programmable
digital filter oversamples the tracking logic’s output. The
digital filter passes a low noise, high resolution digital
output to the serial I/O register. The serial outputs of
multiple DDC101 units can be easily connected together
in series or parallel if desired to minimize interconnections.




Similar Part No. - DDC101U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
20-BIT ANALOG-TO-DIGITAL CONVERTER
DDC101U TI-DDC101U Datasheet
265Kb / 29P
MONOLITHIC CHARGE INPUT ADC, DIGITAL FILTER NOISE REDUCTION 0.9ppm, rms
logo
Burr-Brown (TI)
DDC101U BURR-BROWN-DDC101U Datasheet
346Kb / 27P
20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DDC101UG4 TI1-DDC101UG4 Datasheet
265Kb / 29P
20-BIT ANALOG-TO-DIGITAL CONVERTER
DDC101UG4 TI-DDC101UG4 Datasheet
265Kb / 29P
MONOLITHIC CHARGE INPUT ADC, DIGITAL FILTER NOISE REDUCTION 0.9ppm, rms
More results


Similar Description - DDC101U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1250 BURR-BROWN-ADS1250 Datasheet
196Kb / 20P
20-Bit Data Acquisition System ANALOG-TO-DIGITAL CONVERTER
DAC1220 BURR-BROWN-DAC1220 Datasheet
123Kb / 14P
20-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
DDC101 BURR-BROWN-DDC101 Datasheet
346Kb / 27P
20-BIT ANALOG-TO-DIGITAL CONVERTER
DDC118 BURR-BROWN-DDC118 Datasheet
384Kb / 30P
Octal Current Input 20-Bit Analog-To-Digital Converter
logo
Texas Instruments
DAC1220 TI1-DAC1220 Datasheet
622Kb / 26P
20-Bit, Low-Power Digital-to-Analog Converter
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
20-BIT ANALOG-TO-DIGITAL CONVERTER
DAC1220E TI-DAC1220E Datasheet
658Kb / 26P
20-Bit, Low-Power Digital-to-Analog Converter
logo
API Technologies Corp
MN3396 APITECH-MN3396 Datasheet
573Kb / 3P
20-Bit, Digital-to-Analog Converter
MN3395 APITECH-MN3395 Datasheet
707Kb / 5P
20-Bit, Deglitched Digital-to-Analog Converter
logo
Texas Instruments
DDC112 TI1-DDC112_14 Datasheet
1Mb / 35P
Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com