Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIT4192IPW.B Datasheet (PDF) - Texas Instruments

DIT4192IPW.B Datasheet PDF - Texas Instruments
Part # DIT4192IPW.B
Download  DIT4192IPW.B Download
File Size   473.8 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 192kHz Digital Audio Transmitter

DIT4192IPW.B Datasheet (PDF)

Go To PDF Page Download Datasheet
DIT4192IPW.B Datasheet PDF - Texas Instruments

Part # DIT4192IPW.B
Download  DIT4192IPW.B Click to download

File Size   473.8 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 192kHz Digital Audio Transmitter

DIT4192IPW.B Datasheet (HTML) - Texas Instruments


DIT4192IPW.B Product details

FEATURES
COMPLIANT WITH AES-3, IEC-60958, AND EIAJ
CP1201 INTERFACE STANDARDS
SUPPORTS SAMPLING RATES UP TO 192kHz
SUPPORTS MONO-MODE OPERATION
ON-CHIP DIFFERENTIAL LINE DRIVER
FLEXIBLE AUDIO SERIAL INTERFACE:
-Master or Slave Mode Operation
-Supports I2S, Left-Justified, and Right-Justified
Data Formats
SOFTWARE MODE VIA SERIAL CONTROL
INTERFACE:
-Block Sized Buffer for Channel Status Data
-Auto Increment Mode for Block Sized Write and
Read Operations
HARDWARE MODE ALLOWS OPERATION
WITHOUT A MICROCONTROLLER
CRC CODE GENERATION FOR PROFESSIONAL
MODE
MASTER CLOCK RATE: 128fS, 256fS, 384fS, or 512fS
+5V CORE SUPPLY (VDD)
+2.7V TO VDD LOGIC I/O SUPPLY (VIO)
PACKAGE: TSSOP-28

APPLICATIONS
DIGITAL MIXING CONSOLES
DIGITAL MICROPHONES
DIGITAL AUDIO WORKSTATIONS
BROADCAST STUDIO EQUIPMENT
EFFECTS PROCESSORS
SURROUND-SOUND DECODERS AND ENCODERS
A/V RECEIVERS
DVD, CD, DAT, AND MD PLAYERS
AUDIO TEST EQUIPMENT

DESCRIPTION
The DIT4192 is a digital audio transmitter designed for use
in both professional and consumer audio applications. Transmit
data rates up to 192kHz are supported. The DIT4192
supports both software and hardware operation, which makes
it suitable for applications with or without a microcontroller. A
flexible serial audio interface is provided, supporting standard
audio data formats and easy interfacing to audio DSP
serial ports.




Similar Part No. - DIT4192IPW.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DIT4192IPW TI-DIT4192IPW Datasheet
339Kb / 22P
192kHz Digital Audio Transmitter
DIT4192IPW TI1-DIT4192IPW Datasheet
952Kb / 27P
192kHz Digital Audio Transmitter
DIT4192IPWG4 TI1-DIT4192IPWG4 Datasheet
952Kb / 27P
192kHz Digital Audio Transmitter
DIT4192IPWR TI-DIT4192IPWR Datasheet
339Kb / 22P
192kHz Digital Audio Transmitter
DIT4192IPWR TI1-DIT4192IPWR Datasheet
952Kb / 27P
192kHz Digital Audio Transmitter
More results


Similar Description - DIT4192IPW.B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4117 AKM-AK4117 Datasheet
342Kb / 36P
LOW POWER 192KHZ DIGITAL AUDIO RECEIVER
logo
Texas Instruments
DIT4096 TI-DIT4096 Datasheet
340Kb / 22P
96kHz Digital Audio Transmitter
DIT4192 TI-DIT4192 Datasheet
339Kb / 22P
192kHz Digital Audio Transmitter
logo
List of Unclassifed Man...
CS8401 ETC-CS8401 Datasheet
365Kb / 34P
Digital Audio Interface Transmitter
YM3437C ETC-YM3437C Datasheet
969Kb / 11P
DIGITAL AUDIO INTERFACE TRANSMITTER
logo
Asahi Kasei Microsystem...
AKD4113-B AKM-AKD4113-B Datasheet
330Kb / 21P
192kHz digital audio receiver
AKD4116-B AKM-AKD4116-B Datasheet
235Kb / 19P
192kHz digital audio receiver
AK4117 AKM-AK4117_10 Datasheet
475Kb / 37P
Low Power 192kHz Digital Audio Receiver
logo
Texas Instruments
DIT4096 TI1-DIT4096_15 Datasheet
939Kb / 26P
96kHz Digital Audio Transmitter
DIT4192 TI1-DIT4192_15 Datasheet
952Kb / 27P
192kHz Digital Audio Transmitter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com