Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV1101 Datasheet (PDF) - Texas Instruments

DRV1101 Datasheet PDF - Texas Instruments
Part # DRV1101
Download  DRV1101 Download
File Size   153.74 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH POWER DIFFERENTIAL LINE DRIVER

DRV1101 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV1101 Datasheet PDF - Texas Instruments

Part # DRV1101
Download  DRV1101 Click to download

File Size   153.74 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HIGH POWER DIFFERENTIAL LINE DRIVER

DRV1101 Datasheet (HTML) - Texas Instruments


DRV1101 Product details

FEATURES
HIGH OUTPUT CURRENT: 230mA
SINGLE SUPPLY OPERATION: 5V
10MHz BANDWIDTH: 6Vp-p into 15W
VERY LOW THD AT HIGH POWER:
–81dBc at 6Vp-p, 100kHz, 100W
FIXED DIFFERENTIAL GAIN: 3V/V

APPLICATIONS
DSL TWISTED PAIR LINE DRIVER
COMMUNICATIONS LINE DRIVER
TWISTED-PAIR CABLE DRIVER

DESCRIPTION
The DRV1101 is fixed gain differential line driver
designed for very low distortion operation when driving
DSL line transformers. It is designed for use as the
upstream line driver for ADSL G.Lite, and as both
upstream and downstream line drivers in CAP systems.
Operating on a single 5V supply, the DRV1101
can supply up to 230mA peak output current. The
output voltage can swing up to 9.5Vp-p on a single 5V
supply. In ADSL G.Lite applications, DRV1101 can
supply up to 10dBm average line power with a crest
factor of 5.3 for a peak line power delivered of
approximately 25dBm. It is packaged in a 8-lead
SOIC.




Similar Part No. - DRV1101

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV1101 BURR-BROWN-DRV1101 Datasheet
81Kb / 8P
HIGH POWER DIFFERENTIAL LINE DRIVER
DRV1101U BURR-BROWN-DRV1101U Datasheet
81Kb / 8P
HIGH POWER DIFFERENTIAL LINE DRIVER
logo
Texas Instruments
DRV1101U TI1-DRV1101U Datasheet
86Kb / 8P
HIGH POWER DIFFERENTIAL LINE DRIVER
DRV1101UG4 TI1-DRV1101UG4 Datasheet
86Kb / 8P
HIGH POWER DIFFERENTIAL LINE DRIVER
DRV1101 TI1-DRV1101_13 Datasheet
86Kb / 8P
HIGH POWER DIFFERENTIAL LINE DRIVER
More results


Similar Description - DRV1101

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV1101 BURR-BROWN-DRV1101 Datasheet
81Kb / 8P
HIGH POWER DIFFERENTIAL LINE DRIVER
logo
Elantec Semiconductor
EL1502C ELANTEC-EL1502C Datasheet
160Kb / 2P
High Power Differential Line Driver/Receiver
EL1503C ELANTEC-EL1503C Datasheet
156Kb / 2P
High Power Differential Line Driver
logo
Intersil Corporation
EL1509 INTERSIL-EL1509 Datasheet
59Kb / 2P
Medium Power Differential Line Driver
June 24, 2004
EL1503A INTERSIL-EL1503A Datasheet
49Kb / 2P
High Power Differential Line Driver
June 7, 2002
EL1511 INTERSIL-EL1511_07 Datasheet
442Kb / 18P
Medium Power Differential Line Driver
EL1503A INTERSIL-EL1503A_07 Datasheet
415Kb / 17P
High Power Differential Line Driver
logo
Texas Instruments
DRV1101 TI1-DRV1101_13 Datasheet
86Kb / 8P
HIGH POWER DIFFERENTIAL LINE DRIVER
logo
Renesas Technology Corp
EL1503 RENESAS-EL1503 Datasheet
909Kb / 16P
High Power Differential Line Driver
July 17, 2001
EL1503A RENESAS-EL1503A Datasheet
1Mb / 17P
High Power Differential Line Driver
March 26, 2007
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com