Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV602PW Datasheet (PDF) - Texas Instruments

DRV602PW Datasheet PDF - Texas Instruments
Part # DRV602PW
Download  DRV602PW Download
File Size   433.68 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DirectPath™, Pop-Free 3Vrms Line Driver with Adjustable Gain

DRV602PW Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV602PW Datasheet PDF - Texas Instruments

Part # DRV602PW
Download  DRV602PW Click to download

File Size   433.68 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DirectPath™, Pop-Free 3Vrms Line Driver with Adjustable Gain

DRV602PW Datasheet (HTML) - Texas Instruments


DRV602PW Product details

1FEATURES
234• DirectPath™
– Eliminates Pop/Clicks
– Eliminates Output DC-Blocking Capacitors
– Provides Flat Frequency Response
20Hz–20kHz
• Low Noise and THD
– SNR > 102 dB
– Typical V N < 15 mVms
– THD+N < 0.05% 20 Hz–20 kHz
• Output Voltage into 2.5-kΩ Load
– 2 Vrms with 3.3-V Supply Voltage
– 3 Vrms with 5-V Supply Voltage
• 3Vrms Output Voltage into 2.5 kΩ Load With
5V Supply Voltage
• Differential Input

APPLICATIONS
• Set-Top Boxes
• PDP / LCD TV
• Blu-ray Disc™, DVD-Players
• Home Theater in a Box

DESCRIPTION
The DRV602PW is a 3Vrms pop-free stereo line
driver designed to allow the removal of the output
dc-blocking capacitors for reduced component count
and cost. The device is ideal for single supply
electronics where size and cost are critical design
parameters.
Designed using TI's patented DirectPath™
technology, the DRV602 is capable of driving 3Vrms
into a 2.5kΩ load with 5V supply voltage. The device
has differential inputs and uses external gain setting
resistors, that supports a gain range of ±1V/V to
±10V/V. The use of external gain resistors also allows
the implementation of a 2nd order low pass filter to
compliment DAC's and SOC converters. The line
output of the DRV602 has ±8kV IEC ESD protection.
The DRV602 (referred to as the '602) has built-in
shutdown control for pop-free on/off control.
Using the DRV602 in audio products can reduce
component count compared to traditional methods of
generating a 3Vrms output. The DRV602 doesn't
require a power supply greater than 5V to generate
its 8.5VPP output, nor does it require a split rail power
supply. The DRV602 integrates its own charge pump
to generate a negative supply rail that provides a
clean, pop-free ground biased 3Vrms output.
The DRV602 is available in a 14 pin TSSOP
package.
If higher SNR, trimmed DC-offset and external
undervoltage-mute functions are beneficial in the
application, TI recommends the footprint compatible DRV603 (SLOS617).
For a stereo line and stereo HP driver see DRV604
(SLOS659).




Similar Part No. - DRV602PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV602PW TI-DRV602PW Datasheet
243Kb / 12P
DIRECTPATH?? 2Vrms Line Driver with Adjustable gain
DRV602PWR TI-DRV602PWR Datasheet
243Kb / 12P
DIRECTPATH?? 2Vrms Line Driver with Adjustable gain
More results


Similar Description - DRV602PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV601 TI-DRV601 Datasheet
552Kb / 16P
DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV601 TI-DRV601_08 Datasheet
548Kb / 16P
DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV602 TI-DRV602 Datasheet
243Kb / 12P
DIRECTPATH?? 2Vrms Line Driver with Adjustable gain
DRV603 TI1-DRV603 Datasheet
637Kb / 21P
DirectPath?? 3-VRMS Line Driver With Adjustable Gain
DRV632PW TI1-DRV632PW Datasheet
604Kb / 19P
DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
logo
ON Semiconductor
NCS2632 ONSEMI-NCS2632 Datasheet
209Kb / 15P
NOCAP, Pop-Free, 3 VRMS Audio Line Driver with Adjustable Gain
October, 2013 ??Rev. 4
logo
Texas Instruments
DRV601 TI-DRV601_15 Datasheet
908Kb / 19P
DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV602 TI-DRV602_15 Datasheet
788Kb / 16P
DirectPath?? Pop-Free 3Vrms Line Driver with Adjustable Gain
logo
SG Micro Corp
SGM8903 SGMICRO-SGM8903 Datasheet
1Mb / 14P
Capless 3Vrms Line Driver with Adjustable Gain
logo
TECHCODE SEMICONDUCTOR,...
TD9731 TECHCODE-TD9731 Datasheet
1Mb / 16P
Capless 2Vrms to 3Vrms Line Driver with Adjustable Gain
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com