Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV603 Datasheet (PDF) - Texas Instruments

DRV603 Datasheet PDF - Texas Instruments
Part # DRV603
Download  DRV603 Download
File Size   476.6 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DirectPath™, 3-VRMS Line Driver With Adjustable Gain

DRV603 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV603 Datasheet PDF - Texas Instruments

Part # DRV603
Download  DRV603 Click to download

File Size   476.6 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DirectPath™, 3-VRMS Line Driver With Adjustable Gain

DRV603 Datasheet (HTML) - Texas Instruments


DRV603 Product details

1FEATURES
234• DirectPath™
– Eliminates Pop/Clicks
– Eliminates Output DC-Blocking Capacitors
– Provides Flat Frequency Response 20
Hz–20 kHz
• Low Noise and THD
– SNR > 109 dB
– Typical Vn < 7 μVms
– THD+N < 0.002%
• Output Voltage Into 2.5-kΩ Load
– 2 Vrms With 3.3-V Supply Voltage
– 3 Vrms With 5-V Supply Voltage
• Differential Input
• External Undervoltage Mute

APPLICATIONS
• PDP / LCD TV
• Blu-ray Disc™, DVD Players
• Home Theater in a Box
• Set-Top Boxes

DESCRIPTION
The DRV603PW is a 3-VRMS pop-free stereo line
driver designed to allow the removal of the output
dc-blocking capacitors for reduced component count
and cost. The device is ideal for single-supply
electronics where size and cost are critical design
parameters.
Designed using TI’s patented DirectPath™
technology, The DRV603 is capable of driving 3 Vrms
into a 2.5-kΩ load with 5-V supply voltage. The
device has differential inputs and uses external gain-setting resistors to support a gain range of ±1
V/V to ±10 V/V, and line outputs that have ±8 kV IEC
ESD protection. The DRV603 (occasionally referred
to as the ‘603) has built-in shutdown control for
pop-free on/off control. The DRV603 has an external
and internal undervoltage detector that mutes the
output.
Using the DRV603 in audio products can reduce
component count considerably compared to
traditional methods of generating a 3-Vrms output. The
DRV603 does not require a power supply greater
than 5 V to generate its 8.5-Vpp output, nor does it
require a split-rail power supply. The DRV603 integrates its own charge pump to generate a
negative supply rail that provides a clean, pop-free
ground biased 3-Vrms output.
The DRV603 is available in a 14-pin TSSOP.
If the low noise and trimmed dc-offset and external
undervoltage mute function are not beneficial in the
application, TI recommends the footprint compatible
DRV602.




Similar Part No. - DRV603

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV603 TI1-DRV603 Datasheet
637Kb / 21P
DirectPath?? 3-VRMS Line Driver With Adjustable Gain
DRV603 TI2-DRV603 Datasheet
482Kb / 24P
DRV632 DirectPath™, 2-VRMS Audio Line Driver With Adjustable Gain
REVISED AUGUST 2019
DRV603 TI2-DRV603 Datasheet
840Kb / 31P
DRV612 2-Vrms DirectPath™ Line Driver With Programmable-Fixed Gain
REVISED JULY 2016
DRV603PW TI1-DRV603PW Datasheet
637Kb / 21P
DirectPath?? 3-VRMS Line Driver With Adjustable Gain
DRV603PWR TI1-DRV603PWR Datasheet
637Kb / 21P
DirectPath?? 3-VRMS Line Driver With Adjustable Gain
More results


Similar Description - DRV603

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV602 TI-DRV602 Datasheet
243Kb / 12P
DIRECTPATH?? 2Vrms Line Driver with Adjustable gain
DRV632 TI-DRV632 Datasheet
450Kb / 18P
DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV612 TI-DRV612 Datasheet
660Kb / 23P
2-Vrms DirectPath??Line Driver With Programmable-Fixed Gain
DRV603 TI1-DRV603 Datasheet
637Kb / 21P
DirectPath?? 3-VRMS Line Driver With Adjustable Gain
DRV632PW TI1-DRV632PW Datasheet
604Kb / 19P
DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV632PWR TI-DRV632PWR Datasheet
604Kb / 19P
DirectPath, 2-VRMS Audio Line Driver With Adjustable Gain
DRV612 TI-DRV612_15 Datasheet
934Kb / 24P
2-Vrms DirectPath??Line Driver With Programmable-Fixed Gain
DRV632 TI-DRV632_15 Datasheet
807Kb / 23P
DRV632 DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV612 TI1-DRV612_16 Datasheet
888Kb / 22P
2-Vrms DirectPath Line Driver With Programmable-Fixed Gain
logo
Diodes Incorporated
PAM8100 DIODES-PAM8100 Datasheet
327Kb / 7P
3-VRMS Line Driver with Adjustable Gain
Rev 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com