Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV632PW.A Datasheet (PDF) - Texas Instruments

DRV632PW.A Datasheet PDF - Texas Instruments
Part # DRV632PW.A
Download  DRV632PW.A Download
File Size   482.33 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV632 DirectPath™, 2-VRMS Audio Line Driver With Adjustable Gain

DRV632PW.A Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV632PW.A Datasheet PDF - Texas Instruments

Part # DRV632PW.A
Download  DRV632PW.A Click to download

File Size   482.33 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV632 DirectPath™, 2-VRMS Audio Line Driver With Adjustable Gain

DRV632PW.A Datasheet (HTML) - Texas Instruments


DRV632PW.A Product details

1 Features
1• Stereo DirectPath™ Audio Line Driver
– 2 Vrms Into 10 kΩ With 3.3-V Supply
• Low THD+N < 0.01% at 2 Vrms Into 10 kΩ
• High SNR, >90 dB
• 600-Ω Output Load Compliant
• Differential Input and Single-Ended Output
• Adjustable Gain by External Gain-Setting
Resistors
• Low DC Offset, <1 mV
• Ground-Referenced Outputs Eliminate DCBlocking
Capacitors
– Reduce Board Area
– Reduce Component Cost
– Improve THD+N Performance
– No Degradation of Low-Frequency Response
Due to Output Capacitors
• Short-Circuit Protection
• Click- and Pop-Reduction Circuitry
• External Undervoltage Mute
• Active Mute Control for Pop-Free Audio On/Off
Control
• Space-Saving TSSOP Package

2 Applications
• Set-Top Boxes
• Blu-ray Disc™, DVD Players
• LCD and PDP TV
• Mini/Micro Combo Systems
• Sound Cards
• Laptops

3 Description
The DRV632 is a 2-VRMS pop-free stereo line driver
designed to allow the removal of the output dcblocking
capacitors for reduced component count and
cost. The device is ideal for single-supply electronics
where size and cost are critical design parameters.
Designed using TI’s patented DirectPath™
technology, The DRV632 is capable of driving 2 VRMS
into a 10-kΩ load with 3.3-V supply voltage. The
device has differential inputs and uses external gainsetting
resistors to support a gain range of ±1 V/V to
±10 V/V, and gain can be configured individually for
each channel. Line outputs have ±8-kV IEC ESD
protection, requiring just a simple resistor-capacitor
ESD protection circuit. The DRV632 has built-in
active-mute control for pop-free audio on/off control.
The DRV632 has an external undervoltage detector
that mutes the output when the power supply is
removed, ensuring a pop-free shutdown.
Using the DRV632 in audio products can reduce
component count considerably compared to
traditional methods of generating a 2-VRMS output.
The DRV632 does not require a power supply greater
than 3.3 V to generate its 5.6-Vpp output, nor does it
require a split-rail power supply. The DRV632
integrates its own charge pump to generate a
negative supply rail that provides a clean, pop-free
ground-biased 2-VRMS output.
The DRV632 is available in a 14-pin TSSOP.




Similar Part No. - DRV632PW.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV632PW TI1-DRV632PW Datasheet
604Kb / 19P
DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV632PW TI-DRV632PW Datasheet
604Kb / 19P
DirectPath, 2-VRMS Audio Line Driver With Adjustable Gain
DRV632PW TI1-DRV632PW Datasheet
855Kb / 23P
Audio Line Driver With Adjustable Gain
DRV632PWR TI-DRV632PWR Datasheet
604Kb / 19P
DirectPath, 2-VRMS Audio Line Driver With Adjustable Gain
DRV632PWR TI1-DRV632PWR Datasheet
855Kb / 23P
Audio Line Driver With Adjustable Gain
More results


Similar Description - DRV632PW.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV632 TI-DRV632 Datasheet
450Kb / 18P
DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV612 TI-DRV612 Datasheet
660Kb / 23P
2-Vrms DirectPath??Line Driver With Programmable-Fixed Gain
DRV603 TI1-DRV603 Datasheet
637Kb / 21P
DirectPath?? 3-VRMS Line Driver With Adjustable Gain
DRV632PW TI1-DRV632PW Datasheet
604Kb / 19P
DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV632PWR TI-DRV632PWR Datasheet
604Kb / 19P
DirectPath, 2-VRMS Audio Line Driver With Adjustable Gain
DRV612 TI-DRV612_15 Datasheet
934Kb / 24P
2-Vrms DirectPath??Line Driver With Programmable-Fixed Gain
DRV632 TI-DRV632_15 Datasheet
807Kb / 23P
DRV632 DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV612 TI1-DRV612_16 Datasheet
888Kb / 22P
2-Vrms DirectPath Line Driver With Programmable-Fixed Gain
logo
Unisonic Technologies
PA3632 UTC-PA3632 Datasheet
205Kb / 9P
DIRECT 2-VRMS AUDIO LINE DRIVER WITH ADJUSTABLE GAIN
logo
Princeton Technology Co...
PT3323 PTC-PT3323 Datasheet
223Kb / 4P
2-VRMS Audio Line Driver With Adjustable Gain
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com