Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAC Datasheet (PDF) - YAGEO Corporation

SAC Datasheet PDF - YAGEO Corporation
Part # SAC
Download  SAC Download
File Size   406.14 Kbytes
Page   7 Pages
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation
Description Transient Voltage Suppressors (TVS)

SAC Datasheet (PDF)

Go To PDF Page Download Datasheet
SAC Datasheet PDF - YAGEO Corporation

Part # SAC
Download  SAC Click to download

File Size   406.14 Kbytes
Page   7 Pages
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation
Description Transient Voltage Suppressors (TVS)

SAC Datasheet (HTML) - YAGEO Corporation


SAC Product details

Features
■ Glass passivated junction
■ Low inductance
■ Excellent clamping capability
■ 500W peak pulse power capability at 10/1000μs waveform,
repetition rate (duty cycle): 0.01%
■ Fast response time
■ Ideal for data line applications.
■ High Temperature soldering guaranteed: 265℃/10 seconds/.375″,
(9.5mm) lead length, 5lbs (2.3kg) tension
■ Plastic package has underwriters laboratory flammability 94V-0
■ Meets MSL level 1, per J-STD-020
■ Safety certification: UL
■ IEC61000-4-2 ESD 30KV Air, 30KV contact compliance
Applications
■ I/O interface ■ AC/DC power supply
■ Low frequency signal transmission line (RS232, RS485, etc.)




Similar Part No. - SAC

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SAC EIC-SAC Datasheet
38Kb / 2P
LOW CAPACITANCE TRANSIENT VOLTAGE VBR : 5.0 - 50 Volts SUPPRESSOR
logo
Taiwan Semiconductor Co...
SAC TSC-SAC Datasheet
83Kb / 4P
Low Capacitance Transient Voltage Suppressor Diodes
logo
HolyStone International
SAC HOLYSTONECAPS-SAC Datasheet
192Kb / 2P
Tip & Ring Capacitors
logo
MERITEK ELECTRONICS COR...
SAC MERITEK-SAC Datasheet
460Kb / 3P
Transient Voltage Suppressors
logo
Ruilongyuan Electronics...
SAC RUILON-SAC Datasheet
685Kb / 7P
Transient Voltage Suppressors
More results


Similar Description - SAC

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMAJ6.0 SOCAY-SMAJ6.0 Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.5CA SOCAY-SMAJ6.5CA Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ7.0 SOCAY-SMAJ7.0 Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ10A SOCAY-SMAJ10A Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ10CA SOCAY-SMAJ10CA Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ11 SOCAY-SMAJ11 Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ11C SOCAY-SMAJ11C Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ12 SOCAY-SMAJ12 Datasheet
621Kb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ SOCAY-SMAJ Datasheet
1Mb / 7P
Surface Mount Transient Voltage Suppressors (TVS)
5KP SOCAY-5KP Datasheet
1Mb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
Revision November 8, 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com