Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSD1GLW Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TSD1GLW Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TSD1GLW
Download  TSD1GLW Download
File Size   270.38 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 1A, 400V - 600V ESD Capability Rectifier

TSD1GLW Datasheet (PDF)

Go To PDF Page Download Datasheet
TSD1GLW Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TSD1GLW
Download  TSD1GLW Click to download

File Size   270.38 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 1A, 400V - 600V ESD Capability Rectifier

TSD1GLW Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TSD1GLW Product details

FEATURES
High ESD capability
Glass passivated chip junction
Low forward voltage drop
Ideal for automated placement
Moisture sensitivity level: level 1, per J-STD-020
RoHS Compliant
Halogen-free

APPLICATIONS
General purpose
Polarity protection




Similar Part No. - TSD1GLW

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSD1GLWH TSC-TSD1GLWH Datasheet
271Kb / 5P
1A, 400V - 600V ESD Capability Rectifier
Version: B2312
More results


Similar Description - TSD1GLW

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
SUF140L BWTECH-SUF140L Datasheet
395Kb / 4P
Surface Mount ESD Capability Rectifiers 1.0 Amp 400V
logo
Taiwan Semiconductor Co...
S1GFL TSC-S1GFL Datasheet
440Kb / 6P
1A, 400V - 1000V Surface Mount Rectifier
TSD1G TSC-TSD1G Datasheet
316Kb / 6P
1A, 400V ESD Capability Rectifier
TSD2G TSC-TSD2G Datasheet
280Kb / 6P
2A, 400V ESD Capability Rectifier
TSD3G TSC-TSD3G Datasheet
314Kb / 6P
3A, 400V ESD Capability Rectifier
TSDGLW TSC-TSDGLW Datasheet
312Kb / 5P
1A, 400V ESD Capability Rectifier
logo
T&S Brass. All Rights R...
S1GMH TS-S1GMH Datasheet
567Kb / 6P
1A, 400V - 600V Standard Surface Mount Rectifier
logo
Taiwan Semiconductor Co...
S1GMH TSC-S1GMH Datasheet
567Kb / 6P
1A, 400V - 600V Standard Surface Mount Rectifier
logo
Shindengen Electric Mfg...
D1F10 SHINDENGEN-D1F10 Datasheet
198Kb / 2P
Rectifier Diode 600V 1A
logo
Silicon Supplies
1N4004 SS-1N4004 Datasheet
283Kb / 2P
400V 1A Standard Rectifier
Rev 1.0 25/08/23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com