Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABS07 Datasheet (PDF) - Abracon Corporation

ABS07 Datasheet PDF - Abracon Corporation
Part # ABS07
Download  ABS07 Download
File Size   561.72 Kbytes
Page   6 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 32.768kHz SMD Crystal

ABS07 Datasheet (PDF)

Go To PDF Page Download Datasheet
ABS07 Datasheet PDF - Abracon Corporation

Part # ABS07
Download  ABS07 Click to download

File Size   561.72 Kbytes
Page   6 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 32.768kHz SMD Crystal

ABS07 Datasheet (HTML) - Abracon Corporation


ABS07 Product details

Features
• Low frequency in small size SMD
• 0.9mm height ideal for high density circuit boards
• Seam sealed ceramic package offers excellent environmental & heat resistance
• Extended temperature -55°C to +125°C for industrial applications

Applications
• Wide range in communication & measuring equipment
• Commercial & Industrial applications
• Wireless communications




Similar Part No. - ABS07

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABS07 ABRACON-ABS07 Datasheet
237Kb / 2P
32.768kHz SMD LOW PROFILE CRYSTAL
07.09.07
ABS07-120-32.768KHZ-T ABRACON-ABS07-120-32.768KHZ-T Datasheet
2Mb / 3P
TUNING FORK CRYSTAL
11.14.14
ABS07-166-32.768KHZ-T ABRACON-ABS07-166-32.768KHZ-T Datasheet
691Kb / 3P
SMD LOW PROFILE CRYSTAL
03.19.2018
ABS07-LR ABRACON-ABS07-LR Datasheet
1Mb / 3P
32.768kHz SMD Low E SR Crysta l
03.27.15
ABS07AIG ABRACON-ABS07AIG Datasheet
6Mb / 4P
Automotive & Industrial Grade 32.768kHz SMD Low Profile Crystal
12.09.15
More results


Similar Description - ABS07

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABS09 ABRACON-ABS09 Datasheet
245Kb / 2P
32.768kHz SMD LOW PROFILE CRYSTAL
07.09.07
logo
List of Unclassifed Man...
AWS145 ETC2-AWS145 Datasheet
30Kb / 1P
32.768kHz SMD Watch Crystal
AWS100S ETC2-AWS100S Datasheet
42Kb / 1P
32.768kHz SMD Watch Crystal
AWS2 ETC2-AWS2 Datasheet
56Kb / 1P
32.768kHz SMD Watch Crystal
logo
Abracon Corporation
ABS09 ABRACON-ABS09_08 Datasheet
733Kb / 2P
32.768kHz SMD LOW PROFILE CRYSTAL
09.24.08
ASFLK ABRACON-ASFLK_08 Datasheet
153Kb / 2P
32.768kHz CERAMIC SMD CRYSTAL OSCILLATOR
03.03.08
logo
Caliber Electronics Inc...
AWS2 CALIBER-AWS2 Datasheet
61Kb / 1P
32.768kHz SMD Watch Crystal
AWS100S CALIBER-AWS100S Datasheet
47Kb / 1P
32.768kHz SMD Watch Crystal
AWS145 CALIBER-AWS145 Datasheet
35Kb / 1P
32.768kHz SMD Watch Crystal
logo
Abracon Corporation
ABS06L ABRACON-ABS06L Datasheet
1Mb / 2P
32.768kHz SMD LOW PROFILE CRYSTAL
09.21.14
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com