Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0402HPH-R22XHLQ Datasheet (PDF) - Coilcraft lnc.

0402HPH-R22XHLQ Datasheet PDF - Coilcraft lnc.
Part # 0402HPH-R22XHLQ
Download  0402HPH-R22XHLQ Download
File Size   142.35 Kbytes
Page   2 Pages
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.
Description Chip Inductors - 0402HP Series (1005)

0402HPH-R22XHLQ Datasheet (PDF)

Go To PDF Page Download Datasheet
0402HPH-R22XHLQ Datasheet PDF - Coilcraft lnc.

Part # 0402HPH-R22XHLQ
Download  0402HPH-R22XHLQ Click to download

File Size   142.35 Kbytes
Page   2 Pages
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.
Description Chip Inductors - 0402HP Series (1005)

0402HPH-R22XHLQ Datasheet (HTML) - Coilcraft lnc.


0402HPH-R22XHLQ Product details

• Higher Q and lower DCR than other 0402 inductors
• Very high SRF values – as high as 16 GHz
• Excellent current handling capability – up to 2300 mA
• 54 inductance values from 1.0 to 220 nH




Similar Part No. - 0402HPH-R22XHLQ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0402HPH-R22XGLQ COILCRAFT-0402HPH-R22XGLQ Datasheet
99Kb / 2P
Chip Inductors - 0402HP Series (1005)
0402HPH-R22XGLW COILCRAFT-0402HPH-R22XGLW Datasheet
108Kb / 2P
Chip Inductors - 0402HP Series (1005)
0402HPH-R22XGLW COILCRAFT-0402HPH-R22XGLW Datasheet
99Kb / 2P
Chip Inductors - 0402HP Series (1005)
0402HPH-R22XJLW COILCRAFT-0402HPH-R22XJLW Datasheet
152Kb / 2P
Chip Inductors - 0402HP Series (1005)
0402HPH-R22XJLW COILCRAFT-0402HPH-R22XJLW Datasheet
152Kb / 2P
Chip Inductors - 0402HP Series (1005)
More results


Similar Description - 0402HPH-R22XHLQ

ManufacturerPart #DatasheetDescription
logo
Rohm
MCH15 ROHM-MCH15 Datasheet
1Mb / 6P
1005(0402)Size chip capacitors
logo
Coilcraft lnc.
0402AF-560XJLW COILCRAFT-0402AF-560XJLW Datasheet
184Kb / 2P
Chip Inductors ??0402AF Series (1005)
0402CS-2N0XGLW COILCRAFT-0402CS-2N0XGLW Datasheet
151Kb / 2P
Chip Inductors ??0402CS (1005)
0402HP-12NXGLW COILCRAFT-0402HP-12NXGLW Datasheet
108Kb / 2P
Chip Inductors - 0402HP Series (1005)
0402CS-27NXJBW COILCRAFT-0402CS-27NXJBW Datasheet
98Kb / 2P
Chip Inductors ??0402CS (1005)
0402CS-3N3XGBU COILCRAFT-0402CS-3N3XGBU Datasheet
98Kb / 2P
Chip Inductors - 0402CS (1005)
0402HP-6N2XGLW COILCRAFT-0402HP-6N2XGLW Datasheet
99Kb / 2P
Chip Inductors - 0402HP Series (1005)
0402HP-2N7XJLW COILCRAFT-0402HP-2N7XJLW Datasheet
152Kb / 2P
Chip Inductors - 0402HP Series (1005)
0402HP-2N2XJLU COILCRAFT-0402HP-2N2XJLU Datasheet
152Kb / 2P
Chip Inductors - 0402HP Series (1005)
logo
Bourns Electronic Solut...
CD0603-B0240 BOURNS-CD0603-B0240 Datasheet
192Kb / 10P
CD0603/1005 Schottky Barrier Chip Diode Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com