Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1102 Datasheet (PDF) - Renesas Technology Corp

F1102 Datasheet PDF - Renesas Technology Corp
Part # F1102
Download  F1102 Download
File Size   2840.34 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description RF to IF Dual Downconverting Mixer

F1102 Datasheet (PDF)

Go To PDF Page Download Datasheet
F1102 Datasheet PDF - Renesas Technology Corp

Part # F1102
Download  F1102 Click to download

File Size   2840.34 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description RF to IF Dual Downconverting Mixer

F1102 Datasheet (HTML) - Renesas Technology Corp


F1102 Product details

FEATURES
• Dual Path for Diversity Systems
• Ideal for Multi-Carrier Systems
• 8.5 dB Gain (200 MHz IF)
• Ultra linear +38 dBm IP3O (350 MHz IF)
• Ultra linear +40 dBm IP3O (200 MHz IF)
• Low NF < 10 dB
• 200 A output impedance
• Ultra high +13 dBm P1dBI
• Pin Compatible with existing solutions
• 6x6 36 pin package
• Power Down mode
• < 200 nsec settling from Power Down
• Minimizes Synth pulling in Standby Mode
• Low Current Mode : ICC = 235 mA
• Standard Mode: ICC = 335 mA




Similar Part No. - F1102

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1102 RENESAS-F1102 Datasheet
1Mb / 18P
RF to IF Dual Downconverting Mixer
F1102 RENESAS-F1102 Datasheet
4Mb / 22P
This document describes the specifications for the IDTF1178 Zero-DistortionTM RF to IF Downconverting Dual Mixer.
December 2014
F1102 RENESAS-F1102 Datasheet
3Mb / 27P
RF to IF Dual Downconverting Mixer
Rev1, July 2012
F1102 RENESAS-F1102 Datasheet
1Mb / 18P
RF to IF Dual Downconverting Mixer
RevO, Feb 2013
F1102 RENESAS-F1102 Datasheet
2Mb / 21P
RF to IF Dual Downconverting Mixer
Rev1, June 2012
More results


Similar Description - F1102

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1100 IDT-F1100 Datasheet
956Kb / 17P
RF to IF Dual Downconverting Mixer
F1102NBGI IDT-F1102NBGI Datasheet
4Mb / 26P
RF to IF Dual Downconverting Mixer
F1150NBGI IDT-F1150NBGI Datasheet
1Mb / 26P
RF to IF Dual Downconverting Mixer
F1152NBGI IDT-F1152NBGI Datasheet
1Mb / 20P
RF to IF Dual Downconverting Mixer
F1162NBGI IDT-F1162NBGI Datasheet
1Mb / 26P
RF to IF Dual Downconverting Mixer
IDTF1178NBGI IDT-IDTF1178NBGI Datasheet
4Mb / 21P
RF to IF Dual Downconverting Mixer
IDTF1701NBGI IDT-IDTF1701NBGI Datasheet
1Mb / 24P
RF to IF Single Downconverting Mixer
IDTF1751NBGI IDT-IDTF1751NBGI Datasheet
1Mb / 24P
RF to IF Single Downconverting Mixer
IDTF1763NBGI IDT-IDTF1763NBGI Datasheet
1Mb / 24P
RF to IF Single Downconverting Mixer
logo
Renesas Technology Corp
F1100 RENESAS-F1100 Datasheet
1Mb / 18P
RF to IF Dual Downconverting Mixer
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com