Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC007N04NM6 Datasheet (PDF) - Infineon Technologies AG

ISC007N04NM6 Datasheet PDF - Infineon Technologies AG
Part # ISC007N04NM6
Download  ISC007N04NM6 Download
File Size   1423.72 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET OptiMOSTM 6 Power-Transistor, 40 V

ISC007N04NM6 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISC007N04NM6 Datasheet PDF - Infineon Technologies AG

Part # ISC007N04NM6
Download  ISC007N04NM6 Click to download

File Size   1423.72 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET OptiMOSTM 6 Power-Transistor, 40 V

ISC007N04NM6 Datasheet (HTML) - Infineon Technologies AG


ISC007N04NM6 Product details

Features
• Optimized for Low Voltage Drives applications
• Optimized for Battery Powered application
• Optimized for Synchronous application
• Very low on-resistance RDS(on)
• 100% avalanche tested
• Superior thermal resistance
• N-channel
• Pb-free lead plating; RoHS compliant
• Halogen-free according to IEC61249-2-21
• 175 °C rated




Similar Part No. - ISC007N04NM6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISC007N04NM6 INFINEON-ISC007N04NM6 Datasheet
1Mb / 12P
OptiMOSTM 6 Power-Transistor, 40 V
Rev.2.0,2020-11-02
More results


Similar Description - ISC007N04NM6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISC010N04NM6 INFINEON-ISC010N04NM6 Datasheet
1Mb / 12P
OptiMOSTM 6 Power-Transistor, 40 V
Rev.2.0,2020-11-02
BSC007N04LS6 INFINEON-BSC007N04LS6 Datasheet
1Mb / 12P
OptiMOSTM 6 Power-Transistor, 40 V
Rev.2.2,2020-03-06
BSC059N04LS6 INFINEON-BSC059N04LS6 Datasheet
1Mb / 12P
OptiMOSTM 6 Power-Transistor, 40 V
Rev.2.1,2020-07-22
BSC022N04LS6 INFINEON-BSC022N04LS6 Datasheet
1Mb / 12P
OptiMOSTM 6 Power-Transistor, 40 V
Rev.2.1,2020-05-12
BSZ018N04LS6 INFINEON-BSZ018N04LS6 Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 40 V
Rev.2.1,2020-03-31
IQE013N04LM6CGSC INFINEON-IQE013N04LM6CGSC Datasheet
1Mb / 13P
MOSFET OptiMOSTM 6 Power-Transistor, 40 V
Rev. 2.0, 2022-04-27
IQE013N04LM6SC INFINEON-IQE013N04LM6SC Datasheet
1Mb / 13P
MOSFET OptiMOSTM 6 Power-Transistor, 40 V
Rev. 2.0, 2022-04-27
BSC007N04LS6SC INFINEON-BSC007N04LS6SC Datasheet
1Mb / 11P
OptiMOSTM 6 Power-Transistor, 40 V
Rev. 2.1, 2022-10-06
IQD005N04NM6CG INFINEON-IQD005N04NM6CG Datasheet
1Mb / 11P
MOSFET OptiMOSTM 6 Power-Transistor, 40 V
Rev. 2.1, 2023-03-29
IQDH45N04LM6CG INFINEON-IQDH45N04LM6CG Datasheet
1Mb / 11P
MOSFET OptiMOSTM 6 Power-Transistor, 40 V
Rev. 2.1, 2023-03-29
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com