Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1943 Datasheet (PDF) - SYC Electronica

2SA1943 Datasheet PDF - SYC Electronica
Part # 2SA1943
Download  2SA1943 Download
File Size   232.3 Kbytes
Page   5 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description PNP Epitaxial Silicon Transistor

2SA1943 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1943 Datasheet PDF - SYC Electronica

Part # 2SA1943
Download  2SA1943 Click to download

File Size   232.3 Kbytes
Page   5 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description PNP Epitaxial Silicon Transistor

2SA1943 Datasheet (HTML) - SYC Electronica


2SA1943 Product details

Features
• High Current Capability: IC = -17A.
• High Power Dissipation : 150watts.
• High Frequency : 30MHz.
• High Voltage : VCEO= -250V
• Wide S.O.A for reliable operation.
• Excellent Gain Linearity for low THD.
• Complement to 2SC5200/FJL4315.
• Full thermal and electrical Spice models are available.
• Same transistor is also available in:
-- TO3P package, 2SA1962/FJA4213 : 130 watts
-- TO220 package, FJP1943 : 80 watts
-- TO220F package, FJPF1943 : 50 watts

Applications
• High-Fidelity Audio Output Amplifier
• General Purpose Power Amplifier




Similar Part No. - 2SA1943

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1943 TOSHIBA-2SA1943 Datasheet
148Kb / 2P
TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
06-May-1997
logo
Unisonic Technologies
2SA1943 UTC-2SA1943 Datasheet
112Kb / 3P
POWER AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
2SA1943 FAIRCHILD-2SA1943 Datasheet
215Kb / 6P
PNP Epitaxial Silicon Transistor
logo
Toshiba Semiconductor
2SA1943 TOSHIBA-2SA1943 Datasheet
142Kb / 5P
Power Amplifier Applications
logo
Savantic, Inc.
2SA1943 SAVANTIC-2SA1943 Datasheet
221Kb / 4P
Silicon PNP Power Transistors
More results


Similar Description - 2SA1943

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC2SA1015 UTC-UTC2SA1015 Datasheet
62Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Samsung semiconductor
2N5401 SAMSUNG-2N5401 Datasheet
76Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
BCW69 SAMSUNG-BCW69 Datasheet
28Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BCX71G FAIRCHILD-BCX71G Datasheet
31Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
FJN4303R FAIRCHILD-FJN4303R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4202R FAIRCHILD-FJNS4202R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4204R FAIRCHILD-FJNS4204R Datasheet
65Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4210R FAIRCHILD-FJNS4210R Datasheet
32Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4212R FAIRCHILD-FJNS4212R Datasheet
26Kb / 3P
PNP Epitaxial Silicon Transistor
FJV4102R FAIRCHILD-FJV4102R Datasheet
55Kb / 4P
PNP Epitaxial Silicon Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com