Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB688 Datasheet (PDF) - SYC Electronica

2SB688 Datasheet PDF - SYC Electronica
Part # 2SB688
Download  2SB688 Download
File Size   150.66 Kbytes
Page   3 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description PNP 120V 8A 80W TO-3P

2SB688 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB688 Datasheet PDF - SYC Electronica

Part # 2SB688
Download  2SB688 Click to download

File Size   150.66 Kbytes
Page   3 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description PNP 120V 8A 80W TO-3P

2SB688 Datasheet (HTML) - SYC Electronica




Similar Part No. - 2SB688

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SB688 MOSPEC-2SB688 Datasheet
114Kb / 3P
POWER TRANSISTORS(8A,120V,80W)
logo
Wing Shing Computer Com...
2SB688 WINGS-2SB688 Datasheet
25Kb / 1P
PNP PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
Unisonic Technologies
2SB688 UTC-2SB688 Datasheet
123Kb / 2P
HIGH POWER AMPLIFIER APPLICATION
logo
Savantic, Inc.
2SB688 SAVANTIC-2SB688 Datasheet
175Kb / 4P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB688 JMNIC-2SB688 Datasheet
213Kb / 4P
Silicon PNP Power Transistors
More results


Similar Description - 2SB688

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SB688 MOSPEC-2SB688 Datasheet
114Kb / 3P
POWER TRANSISTORS(8A,120V,80W)
2SD718 MOSPEC-2SD718 Datasheet
118Kb / 3P
POWER TRANSISTORS(8A,120V,80W)
MJE13006 MOSPEC-MJE13006 Datasheet
192Kb / 4P
POWER TRANSISTORS(8A,300-400V,80W)
MJE13007A MOSPEC-MJE13007A Datasheet
180Kb / 4P
POWER TRANSISTORS(8A,400V,80W)
TIP100 MOSPEC-TIP100 Datasheet
200Kb / 4P
POWER TRANSISTORS(8A,60-100V,80W)
logo
NEC
UPC1298V NEC-UPC1298V Datasheet
300Kb / 9P
50 TO 80W POWER AMPLIFIER DRIVER
logo
Eldeco Srl
MRM8 ELDECO-MRM8 Datasheet
206Kb / 1P
Voltage : 300V 8A 2P 3P 5.0mm
logo
PFC Device Inc.
PT8L120SP PFC-PT8L120SP Datasheet
726Kb / 5P
8A 120V HPTR Schottky Rectifier
logo
Shenzhenshi YONGFUKANG ...
CS8673E YONGFUKANG-CS8673E Datasheet
4Mb / 12P
2X40W,80W
logo
Rohm
2SAR587D3 ROHM-2SAR587D3 Datasheet
1Mb / 11P
PNP -3.0A -120V Power Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com