Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS10CP152QMA/NOPB.A Datasheet (PDF) - Texas Instruments

DS10CP152QMA/NOPB.A Datasheet PDF - Texas Instruments
Part # DS10CP152QMA/NOPB.A
Download  DS10CP152QMA/NOPB.A Download
File Size   324.23 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS10CP152Q Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch

DS10CP152QMA/NOPB.A Datasheet (PDF)

Go To PDF Page Download Datasheet
DS10CP152QMA/NOPB.A Datasheet PDF - Texas Instruments

Part # DS10CP152QMA/NOPB.A
Download  DS10CP152QMA/NOPB.A Click to download

File Size   324.23 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS10CP152Q Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch

DS10CP152QMA/NOPB.A Datasheet (HTML) - Texas Instruments


DS10CP152QMA/NOPB.A Product details

1FEATURES
2• AECQ-100 Grade 3
• DC - 1.5 Gbps Low Jitter, Low Skew, Low
Power Operation
• Pin Configurable, Fully Differential, Non-
Blocking Architecture
• Wide Input Common Mode Voltage Range
Allows DC-Coupled Interface to LVDS, CML
and LVPECL Drivers
• On-Chip 100Ω Input and Output Termination
Minimizes Insertion and Return Losses,
Reduces Component Count and Minimizes
Board Space
• 8 kV ESD on LVDS I/O Pins Protects Adjoining
Components
• Small SOIC-16 Space Saving Package

APPLICATIONS
• Automotive Display Applications
• Clock and Data Buffering and Muxing
• SD/HD SDI Routers

DESCRIPTION
The DS10CP152Q is a 1.5 Gbps 2x2 LVDS
crosspoint switch optimized for high-speed signal
routing and switching over lossy FR-4 printed circuit
board backplanes and balanced cables. Fully
differential signal paths ensure exceptional signal
integrity and noise immunity. The non-blocking
architecture allows connections of any input to any
output or outputs.
Wide input common mode range allows the switch to
accept signals with LVDS, CML and LVPECL levels;
the output levels are LVDS. A very small package
footprint requires a minimal space on the board while the flow-through pinout allows easy board layout.
Each differential input and output is internally
terminated with a 100Ω resistor to lower device return
losses, reduce component count and further minimize
board space.




Similar Part No. - DS10CP152QMA/NOPB.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS10CP152QMA/NOPB TI1-DS10CP152QMA/NOPB Datasheet
771Kb / 15P
Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
More results


Similar Description - DS10CP152QMA/NOPB.A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152 Datasheet
277Kb / 12P
1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP152Q NSC-DS10CP152Q Datasheet
271Kb / 12P
Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP152Q NSC-DS10CP152Q_09 Datasheet
301Kb / 12P
Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS90CP02 TI1-DS90CP02 Datasheet
263Kb / 14P
DS90CP02 1.5 Gbps 2x2 LVDS Crosspoint Switch
DS10CP152QMA TI-DS10CP152QMA Datasheet
746Kb / 15P
DS10CP152Q Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP152 TI1-DS10CP152 Datasheet
766Kb / 15P
1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP152 TI1-DS10CP152_13 Datasheet
766Kb / 15P
1.5 Gbps 2X2 LVDS Crosspoint Switch
DS10CP152Q TI1-DS10CP152Q_14 Datasheet
771Kb / 15P
Automotive 1.5 Gbps 2X2 LVDS Crosspoint Switch
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
1.5 Gbps 2x2 LVDS Crosspoint Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com