Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS14C88M/NOPB.A Datasheet (PDF) - Texas Instruments

DS14C88M/NOPB.A Datasheet PDF - Texas Instruments
Part # DS14C88M/NOPB.A
Download  DS14C88M/NOPB.A Download
File Size   411.58 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS14C88 Quad CMOS Line Driver

DS14C88M/NOPB.A Datasheet (PDF)

Go To PDF Page Download Datasheet
DS14C88M/NOPB.A Datasheet PDF - Texas Instruments

Part # DS14C88M/NOPB.A
Download  DS14C88M/NOPB.A Click to download

File Size   411.58 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS14C88 Quad CMOS Line Driver

DS14C88M/NOPB.A Datasheet (HTML) - Texas Instruments


DS14C88M/NOPB.A Product details

1FEATURES
2• Meets EIA-232D and CCITT V.28 Standards
• LOW Power Consumption
• Wide Power Supply Range: ±5V to ±12V
• Available in SOIC Package

DESCRIPTION
The DS14C88, pin-for-pin compatible to the
DS1488/MC1488, is a quad line drivers designed to
interface data terminal equipment (DTE) with data
circuit-terminating equipment (DCE). This device
translates standard TTL/CMOS logic levels to levels
conforming to EIA-232-D and CCITT V.28 standards.
The device is fabricated in low threshold CMOS metal
gate technology. The device provides very low power
consumption compared to its bipolar equivalents: 500
μA (DS14C88) versus 25 mA (DS1488).
The DS14C88 simplifies designs by eliminating the
need for external slew rate control capacitors. Slew
rate control in accordance with EIA-232D is provided
on-chip, eliminating the output capacitors.




Similar Part No. - DS14C88M/NOPB.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS14C88M/NOPB TI1-DS14C88M/NOPB Datasheet
778Kb / 12P
Quad CMOS Line Driver
More results


Similar Description - DS14C88M/NOPB.A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS14C88 NSC-DS14C88 Datasheet
87Kb / 6P
QUAD CMOS Line Driver
DS34C87T NSC-DS34C87T Datasheet
231Kb / 8P
CMOS Quad TRISTATE Differential Line Driver
DS34LV87T NSC-DS34LV87T Datasheet
125Kb / 7P
Enhanced CMOS Quad Differential Line Driver
DS90C031 NSC-DS90C031 Datasheet
269Kb / 14P
LVDS Quad CMOS Differential Line Driver
DS90C031B NSC-DS90C031B Datasheet
253Kb / 12P
LVDS Quad CMOS Differential Line Driver
DS14C88 NSC-DS14C88 Datasheet
87Kb / 6P
QUAD CMOS Line Driver
DS14C88T NSC-DS14C88T Datasheet
143Kb / 6P
QUAD CMOS Line Driver
DS90C031B NSC-DS90C031B_01 Datasheet
249Kb / 11P
LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS14C88MX TI-DS14C88MX Datasheet
762Kb / 12P
DS14C88 Quad CMOS Line Driver
DS14C88 TI1-DS14C88_15 Datasheet
778Kb / 12P
Quad CMOS Line Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com