Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS25CP102 Datasheet (PDF) - Texas Instruments

DS25CP102 Datasheet PDF - Texas Instruments
Part # DS25CP102
Download  DS25CP102 Download
File Size   514.67 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS25CP102 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization

DS25CP102 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS25CP102 Datasheet PDF - Texas Instruments

Part # DS25CP102
Download  DS25CP102 Click to download

File Size   514.67 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS25CP102 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization

DS25CP102 Datasheet (HTML) - Texas Instruments


DS25CP102 Product details

1FEATURES
2• DC - 3.125 Gbps Low Jitter, Low Skew, Low
Power Operation
• Pin Configurable, Fully Differential, Non-
Blocking Architecture
• Pin Selectable Transmit Pre-Emphasis and
Receive Equalization Eliminate Data
Dependant Jitter
• Wide Input Common Mode Voltage Range
Allows DC-Coupled Interface to CML and
LVPECL Drivers
• On-Chip 100Ω Input and Output Termination
Minimizes Insertion and Return Losses,
Reduces Component Count, Minimizes Board
Space
• 8 kV ESD on LVDS I/O Pins Protects Adjoining
Components
• Small 4 mm x 4 mm WQFN-16 Space Saving
Package

APPLICATIONS
• High-Speed Channel Select Applications
• Clock and Data Buffering and Muxing
• OC-48 / STM-16
• SD/HD/3GHD SDI Routers

DESCRIPTION
The DS25CP102 is a 3.125 Gbps 2x2 LVDS
crosspoint switch optimized for high-speed signal
routing and switching over lossy FR-4 printed circuit
board backplanes and balanced cables. Fully
differential signal paths ensure exceptional signal
integrity and noise immunity. The non-blocking
architecture allows connections of any input to any
output or outputs.
The DS25CP102 features two levels (Off and On) of transmit pre-emphasis (PE) and two levels (Off and
On) of receive equalization (EQ).
Wide input common mode range allows the switch to
accept signals with LVDS, CML and LVPECL levels;
the output levels are LVDS. A very small package
footprint requires a minimal space on the board while
the flow-through pinout allows easy board layout.
Each differential input and output is internally
terminated with a 100Ω resistor to lower device
insertion and return losses, reduce component count
and further minimize board space.




Similar Part No. - DS25CP102

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25CP102 NSC-DS25CP102 Datasheet
396Kb / 16P
3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25CP102 TI1-DS25CP102 Datasheet
925Kb / 19P
3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP102 TI1-DS25CP102 Datasheet
1Mb / 21P
DS25CP102 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP102 TI1-DS25CP102 Datasheet
1Mb / 21P
3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25CP102Q NSC-DS25CP102Q Datasheet
390Kb / 16P
Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
More results


Similar Description - DS25CP102

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25CP102 NSC-DS25CP102 Datasheet
396Kb / 16P
3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP104 NSC-DS25CP104_07 Datasheet
540Kb / 28P
3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP102Q NSC-DS25CP102Q Datasheet
390Kb / 16P
Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP102Q NSC-DS25CP102Q_09 Datasheet
423Kb / 16P
Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25CP102 TI1-DS25CP102 Datasheet
925Kb / 19P
3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP102Q TI1-DS25CP102Q_14 Datasheet
1Mb / 23P
DS25CP102Q Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre- Emphasis and Receive Equalization
DS25CP102 TI1-DS25CP102_14 Datasheet
1Mb / 21P
DS25CP102 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP102 TI1-DS25CP102_15 Datasheet
1Mb / 21P
3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP102Q TI1-DS25CP102Q_13 Datasheet
1Mb / 22P
Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP104A TI1-DS25CP104A_15 Datasheet
1Mb / 31P
3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com