Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS25MB200TSQ/NOPB Datasheet (PDF) - Texas Instruments

DS25MB200TSQ/NOPB Datasheet PDF - Texas Instruments
Part # DS25MB200TSQ/NOPB
Download  DS25MB200TSQ/NOPB Download
File Size   343.13 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS25MB200 Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization

DS25MB200TSQ/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
DS25MB200TSQ/NOPB Datasheet PDF - Texas Instruments

Part # DS25MB200TSQ/NOPB
Download  DS25MB200TSQ/NOPB Click to download

File Size   343.13 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS25MB200 Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization

DS25MB200TSQ/NOPB Datasheet (HTML) - Texas Instruments


DS25MB200TSQ/NOPB Product details

1FEATURES
2• 0.6–2.5 Gbps Low Jitter Operation
• Fixed Input Equalization
• Programmable Output Pre-Emphasis
• Independent Switch and Line Side Pre-
Emphasis Controls
• Programmable Switch-Side Loopback Modes
• On-Chip Terminations
• HBM ESD Rating 6 kV on All Pins
• +3.3V Supply
• Lead-Less WQFN-48 Package (7mm x 7mm x
0.8mm, 0.5mm Pitch)
-40°C to +85°C Operating Temperature Range

APPLICATIONS
• Backplane or Cable Driver
• Redundancy and Signal Conditioning

DESCRIPTION
The DS25MB200 is a dual signal conditioning 2:1
multiplexer and 1:2 fan-out buffer designed for use in
backplane redundancy applications. Signal
conditioning features include input equalization and
programmable output pre-emphasis that enable data
communication in FR4 backplanes up to 2.5 Gbps.
Each input stage has a fixed equalizer to reduce ISI
distortion from board traces. All output drivers have 4
selectable steps of pre-emphasis to compensate for
transmission losses from long FR4 backplanes and
reduce deterministic jitter. The pre-emphasis levels can be independently controlled for the line-side and
switch-side drivers. The internal loopback paths from
switch-side input to switch-side output enable at•
speed system testing. All receiver inputs are internally
terminated with 100Ω differential terminating
resistors. All drivers are internally terminated with
50Ω to VCC.




Similar Part No. - DS25MB200TSQ/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS25MB200TSQ/NOPB TI1-DS25MB200TSQ/NOPB Datasheet
794Kb / 17P
DS25MB200 Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
More results


Similar Description - DS25MB200TSQ/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25MB200 NSC-DS25MB200_07 Datasheet
316Kb / 14P
Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS42MB200 NSC-DS42MB200_07 Datasheet
3Mb / 16P
Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25MB100_0712 NSC-DS25MB100_0712 Datasheet
995Kb / 16P
2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit De-Emphasis and Receive Equalization
DS40MB200 NSC-DS40MB200_07 Datasheet
1Mb / 16P
Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25MB200 NSC-DS25MB200_08 Datasheet
319Kb / 14P
Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre- Emphasis and Receive Equalization
logo
Texas Instruments
DS25MB200 TI1-DS25MB200_14 Datasheet
781Kb / 17P
Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS40MB200 TI1-DS40MB200_14 Datasheet
922Kb / 20P
Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25MB100 TI1-DS25MB100_16 Datasheet
1Mb / 23P
DS25MB100 2.5 Gbps 2:1/1:2 CML Mux/Buffer With Transmit Pre-Emphasis and Receive Equalization
DS25MB200 TI1-DS25MB200_15 Datasheet
794Kb / 17P
DS25MB200 Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS40MB200 TI1-DS40MB200_17 Datasheet
1Mb / 26P
Dual 4-Gbps 2:1/1:2 CML MUX/Buffer With Transmit Pre-Emphasis and Receive Equalization
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com