Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS30BA101 Datasheet (PDF) - Texas Instruments

DS30BA101 Datasheet PDF - Texas Instruments
Part # DS30BA101
Download  DS30BA101 Download
File Size   379.1 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS30BA101 3.125 Gbps Differential Buffer

DS30BA101 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS30BA101 Datasheet PDF - Texas Instruments

Part # DS30BA101
Download  DS30BA101 Click to download

File Size   379.1 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS30BA101 3.125 Gbps Differential Buffer

DS30BA101 Datasheet (HTML) - Texas Instruments


DS30BA101 Product details

1FEATURES
2• Data Rates from DC to 3.125 Gbps
• Supports SD and HD Video Resolutions
• Power Consumption: 165 mW Typical
• Industrial Temperature Range: -40°C to +85°C

APPLICATIONS
• Cable Extension
• Signal Buffering and Repeating
• Security and Surveillance

DESCRIPTION
The DS30BA101 is a high-speed differential buffer for
cable driving, signal buffering, and signal repeating
applications. Its fully differential signal path ensures
exceptional signal integrity and noise immunity. The
DS30BA101 drives both differential and single-ended
transmission lines at data rates up to 3.125 Gbps.
The output voltage amplitude is adjustable via a
single external resistor for cable driving applications
into 75Ω single-ended and 100Ω differential mode
impedances.
The DS30BA101 is powered from a single 3.3V
supply and consumes 165 mW (typical). It operates
over the full industrial temperature range of -40°C to
+85°C and is available in a 4 x 4 mm 16-pin WQFN
package.




Similar Part No. - DS30BA101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS30BA101 TI1-DS30BA101 Datasheet
691Kb / 9P
3.125 Gbps Differential Buffer
DS30BA101 TI1-DS30BA101 Datasheet
770Kb / 11P
DS30BA101 3.125 Gbps Differential Buffer
DS30BA101SQ TI1-DS30BA101SQ Datasheet
691Kb / 9P
3.125 Gbps Differential Buffer
DS30BA101SQ/NOPB TI1-DS30BA101SQ/NOPB Datasheet
770Kb / 11P
DS30BA101 3.125 Gbps Differential Buffer
DS30BA101SQE TI1-DS30BA101SQE Datasheet
691Kb / 9P
3.125 Gbps Differential Buffer
More results


Similar Description - DS30BA101

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25BR120 NSC-DS25BR120 Datasheet
404Kb / 14P
3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
DS25BR110_0711 NSC-DS25BR110_0711 Datasheet
434Kb / 16P
3.125 Gbps LVDS Buffer with Receive Equalization
DS25BR120_0711 NSC-DS25BR120_0711 Datasheet
406Kb / 14P
3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
DS25BR150_0711 NSC-DS25BR150_0711 Datasheet
397Kb / 12P
3.125 Gbps LVDS Buffer
logo
Texas Instruments
DS30BA101 TI1-DS30BA101 Datasheet
691Kb / 9P
3.125 Gbps Differential Buffer
DS25BR120 TI-DS25BR120 Datasheet
845Kb / 16P
DS25BR120 3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
DS25BR150 TI1-DS25BR150_14 Datasheet
791Kb / 15P
3.125 Gbps LVDS Buffer
DS25BR110 TI1-DS25BR110_13 Datasheet
884Kb / 18P
3.125 Gbps LVDS Buffer with Receive Equalization
DS25BR150 TI1-DS25BR150_15 Datasheet
795Kb / 15P
3.125 Gbps LVDS Buffer
DS30BA101 TI1-DS30BA101_13 Datasheet
770Kb / 11P
DS30BA101 3.125 Gbps Differential Buffer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com