Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90C032 Datasheet (PDF) - Texas Instruments

DS90C032 Datasheet PDF - Texas Instruments
Part # DS90C032
Download  DS90C032 Download
File Size   421.66 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS90C032 LVDS Quad CMOS Differential Line Receiver

DS90C032 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS90C032 Datasheet PDF - Texas Instruments

Part # DS90C032
Download  DS90C032 Click to download

File Size   421.66 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS90C032 LVDS Quad CMOS Differential Line Receiver

DS90C032 Datasheet (HTML) - Texas Instruments


DS90C032 Product details

1FEATURES
2• >155.5 Mbps (77.7 MHz) switching rates
• Accepts small swing (350 mV) differential
signal levels
• Ultra low power dissipation
• 600 ps maximum differential skew (5V, 25°C)
• 6.0 ns maximum propagation delay
• Industrial operating temperature range
• Military operating temperature range option
• Available in surface mount packaging (SOIC)
and (LCCC)
• Pin compatible with DS26C32A, MB570
(PECL), and 41LF (PECL)
• Supports OPEN input fail-safe
• Supports short and terminated input fail-safe
with the addition of external failsafe biasing
• Compatible with IEEE 1596.3 SCI LVDS
standard
• Conforms to ANSI/TIA/EIA-644 LVDS standard
• Available to Standard Microcircuit Drawing
(SMD) 5962-95834

DESCRIPTION
TheDS90C032 is a quad CMOS differential line
receiver designed for applications requiring ultra low
power dissipation and high data rates. The device
supports data rates in excess of 155.5 Mbps (77.7
MHz) and uses Low Voltage Differential Signaling
(LVDS) technology.
TheDS90C032 accepts low voltage (350 mV)
differential input signals and translates them to
CMOS (TTL compatible) output levels. The receiver
supports a TRI-STATE function that may be used to
multiplex outputs. The receiver also supports OPEN,
shorted, and terminated (100Ω) input Failsafe with
the addition of external failsafe biasing. Receiver
output will be HIGH for both Failsafe conditions.
TheDS90C032 and companion line driver
(DS90C031) provide a new alternative to high power pseudo-ECL devices for high speed point-to-point
interface applications.




Similar Part No. - DS90C032

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C032 NSC-DS90C032 Datasheet
231Kb / 12P
LVDS Quad CMOS Differential Line Receiver
DS90C032 NSC-DS90C032 Datasheet
281Kb / 10P
LVDS Quad CMOS Differential Line Receiver
DS90C032 NSC-DS90C032 Datasheet
352Kb / 12P
LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90C032 MDR TI2-DS90C032 MDR Datasheet
869Kb / 22P
DS90C032QML LVDS Quad CMOS Differential Line Receiver
REVISED APRIL 2013
DS90C032-MDR.A TI2-DS90C032-MDR.A Datasheet
869Kb / 22P
DS90C032QML LVDS Quad CMOS Differential Line Receiver
REVISED APRIL 2013
More results


Similar Description - DS90C032

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C032 NSC-DS90C032 Datasheet
231Kb / 12P
LVDS Quad CMOS Differential Line Receiver
DS90C032B NSC-DS90C032B Datasheet
160Kb / 9P
LVDS Quad CMOS Differential Line Receiver
MNDS90C032-X-RH NSC-MNDS90C032-X-RH Datasheet
281Kb / 10P
LVDS Quad CMOS Differential Line Receiver
DS90C032 NSC-DS90C032_07 Datasheet
352Kb / 12P
LVDS Quad CMOS Differential Line Receiver
DS90C032B NSC-DS90C032B_03 Datasheet
193Kb / 9P
LVDS Quad CMOS Differential Line Receiver
DS90LV048A NSC-DS90LV048A_01 Datasheet
260Kb / 11P
3V LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90C032QML TI1-DS90C032QML Datasheet
325Kb / 18P
DS90C032QML LVDS Quad CMOS Differential Line Receiver
DS90C032TMX TI-DS90C032TMX Datasheet
863Kb / 18P
DS90C032 LVDS Quad CMOS Differential Line Receiver
DS90C032B TI1-DS90C032B Datasheet
1Mb / 16P
LVDS Quad CMOS Differential Line Receiver
DS90C032QML TI1-DS90C032QML_13 Datasheet
722Kb / 19P
LVDS Quad CMOS Differential Line Receiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com