Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90C185 Datasheet (PDF) - Texas Instruments

DS90C185 Datasheet PDF - Texas Instruments
Part # DS90C185
Download  DS90C185 Download
File Size   341.18 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS90C185 Low Power 1.8V FPD-Link (LVDS) Serializer

DS90C185 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS90C185 Datasheet PDF - Texas Instruments

Part # DS90C185
Download  DS90C185 Click to download

File Size   341.18 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS90C185 Low Power 1.8V FPD-Link (LVDS) Serializer

DS90C185 Datasheet (HTML) - Texas Instruments


DS90C185 Product details

1FEATURES
2• Typical power 50 mW at 75-MHz pclk
• Drives up to 1400x1050 at 60-Hz (SXGA+)
Displays
• 2.94 Gbps of throughput
• Two operating modes: 24-bit and 18-bit RGB
• 25- to 105-MHz Pixel Clock support
• Single 1.8-V Supply
• Sleep Mode
• Spread Spectrum Clock compatibility
• Small 6mm x 6mm x 0.8mm WQFN package

APPLICATIONS
• eBooks
• Media Tablet Devices
• Netbooks
• Portable Display Monitors

DESCRIPTION
The DS90C185 is a low-power serializer for portable
battery-powered applications that reduces the size of
the RGB interface between the host GPU and the
display.
24-bit RGB plus three video control signals are
serialized and translated to LVDS-compatible levels
and sent as a 4 data + clock (4D+C) reduced-width
LVDS compatible interface. The LVDS Interface is
compatible with FPD-Link (1) deserializers and many
LVDS based displays. These interfaces are
commonly supported in LCD modules with “LVDS” or
FPD-Link / FlatLink single-pixel input interfaces.
Displays up to 1400x1050 at 60 fps are supported
with 24-bpp color depth. 18 bpp may also be
supported by a dedicated mode with a 3D+C output.
Power dissipation is minimized by the full LVCMOS
design and 1.8-V powered core and VDDIO rails.
The DS90C185 is offered in the small 48-pin WQFN
package and features single 1.8-V supply operation
for minimum power dissipation (50 mW typ).




Similar Part No. - DS90C185

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90C185 TI-DS90C185 Datasheet
371Kb / 19P
Low Power 1.8V FPD-Link (LVDS) Serializer
DS90C185 TI1-DS90C185 Datasheet
784Kb / 22P
Low Power 1.8V FPD-Link (LVDS) Serializer
DS90C185SQ-NOPB TI-DS90C185SQ-NOPB Datasheet
371Kb / 19P
Low Power 1.8V FPD-Link (LVDS) Serializer
DS90C185SQ/NOPB TI1-DS90C185SQ/NOPB Datasheet
784Kb / 22P
Low Power 1.8V FPD-Link (LVDS) Serializer
DS90C185SQE-NOPB TI-DS90C185SQE-NOPB Datasheet
371Kb / 19P
Low Power 1.8V FPD-Link (LVDS) Serializer
More results


Similar Description - DS90C185

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90C185 TI-DS90C185 Datasheet
371Kb / 19P
Low Power 1.8V FPD-Link (LVDS) Serializer
DS90C187 TI-DS90C187 Datasheet
1Mb / 21P
Low Power 1.8V Dual Pixel FPD-Link (LVDS) Serializer
DS90C185 TI1-DS90C185_13 Datasheet
784Kb / 22P
Low Power 1.8V FPD-Link (LVDS) Serializer
DS90C187 TI1-DS90C187_14 Datasheet
945Kb / 28P
Low Power 1.8V Dual Pixel FPD-Link (LVDS) Serializer
DS90UB947-Q1 TI1-DS90UB947-Q1 Datasheet
1Mb / 81P
1080p OpenLDI to FPD-Link III Serializer
DS90UB949-Q1 TI1-DS90UB949-Q1 Datasheet
1Mb / 82P
1080p HDMI to FPD-Link III Bridge Serializer
DS90UB933-Q1 TI1-DS90UB933-Q1 Datasheet
205Kb / 7P
FPD-Link III Serializer
DS90UB953-Q1 TI1-DS90UB953-Q1 Datasheet
136Kb / 7P
MIPI CSI-2 FPD-Link III Serializer
DS90UB941AS-Q1 TI1-DS90UB941AS-Q1 Datasheet
1Mb / 139P
DSI to FPD-Link III Bridge Serializer
DS90UB949A-Q1 TI1-DS90UB949A-Q1 Datasheet
2Mb / 86P
2K HDMI-to-FPD-Link III Bridge Serializer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com