Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90CF383 Datasheet (PDF) - Texas Instruments

DS90CF383 Datasheet PDF - Texas Instruments
Part # DS90CF383
Download  DS90CF383 Download
File Size   261.83 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link—65 MHz

DS90CF383 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS90CF383 Datasheet PDF - Texas Instruments

Part # DS90CF383
Download  DS90CF383 Click to download

File Size   261.83 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link—65 MHz

DS90CF383 Datasheet (HTML) - Texas Instruments


DS90CF383 Product details

General Description
The DS90CF383 transmitter converts 28 bits of CMOS/TTL
data into four LVDS (Low Voltage Differential Signaling) data
streams. A phase-locked transmit clock is transmitted in parallel
with the data streams over a fifth LVDS link. Every cycle
of the transmit clock 28 bits of input data are sampled and
transmitted. At a transmit clock frequency of 65 MHz, 24 bits
of RGB data and 3 bits of LCD timing and control data
(FPLINE, FPFRAME, DRDY) are transmitted at a rate of 455
Mbps per LVDS data channel. Using a 65 MHz clock, the
data throughputs is 227 Mbytes/sec.
This chipset is an ideal means to solve EMI and cable size
problems associated with wide, high speed TTL interfaces.

Features
20 to 65 MHz shift clock support
Single 3.3V supply
Chipset (Tx + Rx) power consumption < 250 mW (typ)
Power-down mode (< 0.5 mW total)
Single pixel per clock XGA (1024x768) ready
Supports VGA, SVGA, XGA and higher addressability.
Up to 227 Megabytes/sec bandwidth
Up to 1.8 Gbps throughput
Narrow bus reduces cable size and cost
290 mV swing LVDS devices for low EMI
PLL requires no external components
Low profile 56-lead TSSOP package
Falling edge data strobe Transmitter
Compatible with TIA/EIA-644 LVDS standard
ESD rating > 7 kV
Operating Temperature: −40°C to +85°C




Similar Part No. - DS90CF383

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CF383 NSC-DS90CF383 Datasheet
217Kb / 9P
3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link??5 MHz
logo
Texas Instruments
DS90CF383 TI1-DS90CF383 Datasheet
262Kb / 11P
3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link??5 MHz
logo
National Semiconductor ...
DS90CF383A NSC-DS90CF383A Datasheet
304Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF383AMTD NSC-DS90CF383AMTD Datasheet
258Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF383AMTD NSC-DS90CF383AMTD Datasheet
304Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
More results


Similar Description - DS90CF383

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C363A NSC-DS90C363A Datasheet
219Kb / 10P
3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383 NSC-DS90C383 Datasheet
344Kb / 20P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383A NSC-DS90C383A Datasheet
258Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383B NSC-DS90C383B Datasheet
267Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383B NSC-DS90C383B_06 Datasheet
639Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF383B NSC-DS90CF383B Datasheet
640Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383A NSC-DS90C383A_03 Datasheet
304Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90CF383BMTX TI1-DS90CF383BMTX Datasheet
958Kb / 16P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF383B TI1-DS90CF383B_15 Datasheet
1Mb / 18P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383 TI1-DS90C383_11 Datasheet
410Kb / 22P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com